Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3P125-1QNG100YI Datasheet(PDF) 8 Page - Microsemi Corporation

Part # A3P125-1QNG100YI
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P125-1QNG100YI Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button A3P125-1QNG100YI Datasheet HTML 4Page - Microsemi Corporation A3P125-1QNG100YI Datasheet HTML 5Page - Microsemi Corporation A3P125-1QNG100YI Datasheet HTML 6Page - Microsemi Corporation A3P125-1QNG100YI Datasheet HTML 7Page - Microsemi Corporation A3P125-1QNG100YI Datasheet HTML 8Page - Microsemi Corporation A3P125-1QNG100YI Datasheet HTML 9Page - Microsemi Corporation A3P125-1QNG100YI Datasheet HTML 10Page - Microsemi Corporation A3P125-1QNG100YI Datasheet HTML 11Page - Microsemi Corporation A3P125-1QNG100YI Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 220 page
background image
ProASIC3 Device Family Overview
1-2
Revision 13
Your valuable IP is protected with industry-standard security, making remote ISP possible. A ProASIC3
device provides the best available security for programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed, the
configuration data is an inherent part of the FPGA structure, and no external configuration data needs to
be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based ProASIC3 FPGAs
do not require system configuration components such as EEPROMs or microcontrollers to load device
configuration data. This reduces bill-of-materials costs and PCB area, and increases security and system
reliability.
Instant On
Flash-based ProASIC3 devices support Level 0 of the Instant On classification standard. This feature
helps in system component initialization, execution of critical tasks before the processor wakes up, setup
and configuration of memory blocks, clock generation, and bus activity management. The Instant On
feature of flash-based ProASIC3 devices greatly simplifies total system design and reduces total system
cost, often eliminating the need for CPLDs and clock generation PLLs that are used for these purposes in
a system. In addition, glitches and brownouts in system power will not corrupt the ProASIC3 device's
flash configuration, and unlike SRAM-based FPGAs, the device will not have to be reloaded when
system power is restored. This enables the reduction or complete removal of the configuration PROM,
expensive voltage monitor, brownout detection, and clock generator devices from the PCB design. Flash-
based ProASIC3 devices simplify total system design and reduce cost and design risk while increasing
system reliability and improving system initialization time.
Firm Errors
Firm errors occur most commonly when high-energy neutrons, generated in the upper atmosphere, strike
a configuration cell of an SRAM FPGA. The energy of the collision can change the state of the
configuration cell and thus change the logic, routing, or I/O behavior in an unpredictable way. These
errors are impossible to prevent in SRAM FPGAs. The consequence of this type of error can be a
complete system failure. Firm errors do not exist in the configuration memory of ProASIC3 flash-based
FPGAs. Once it is programmed, the flash cell configuration element of ProASIC3 FPGAs cannot be
altered by high-energy neutrons and is therefore immune to them. Recoverable (or soft) errors occur in
the user data SRAM of all FPGA devices. These can easily be mitigated by using error detection and
correction (EDAC) circuitry built into the FPGA fabric.
Low Power
Flash-based ProASIC3 devices exhibit power characteristics similar to an ASIC, making them an ideal
choice for power-sensitive applications. ProASIC3 devices have only a very limited power-on current
surge and no high-current transition period, both of which occur on many FPGAs.
ProASIC3 devices also have low dynamic power consumption to further maximize power savings.


Similar Part No. - A3P125-1QNG100YI

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P125-1FG144 ACTEL-A3P125-1FG144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P125-1FG144ES ACTEL-A3P125-1FG144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P125-1FG144I ACTEL-A3P125-1FG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P125-1FG144PP ACTEL-A3P125-1FG144PP Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P125-1FG144T ACTEL-A3P125-1FG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
More results

Similar Description - A3P125-1QNG100YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P600-FG256 MICROSEMI-A3P600-FG256 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-PQG208I MICROSEMI-A3P600-PQG208I Datasheet
9Mb / 212P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-VQG100I MICROSEMI-A3P250-VQG100I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-2FG484 MICROSEMI-A3P1000-2FG484 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
List of Unclassifed Man...
A3P030 ETC2-A3P030 Datasheet
214Kb / 11P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com