Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR06FC155JPA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CWR06FC155JPA
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06FC155JPA Datasheet(HTML) 2 Page - Vishay Siliconix

  CWR06FC155JPA Datasheet HTML 1Page - Vishay Siliconix CWR06FC155JPA Datasheet HTML 2Page - Vishay Siliconix CWR06FC155JPA Datasheet HTML 3Page - Vishay Siliconix CWR06FC155JPA Datasheet HTML 4Page - Vishay Siliconix CWR06FC155JPA Datasheet HTML 5Page - Vishay Siliconix CWR06FC155JPA Datasheet HTML 6Page - Vishay Siliconix CWR06FC155JPA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CWR06
www.vishay.com
Vishay Sprague
Revision: 27-Feb-13
2
Document Number: 40009
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6 V
10 V
15 V
20 V
25 V
35 V
50 V
0.10
A
0.15
A
0.22
AB
0.33
AB
0.47
AB
C
0.68
A
B
B
C
D
1.0
A
B
C
D
E
1.5
A
B
C
D
E
F
2.2
A
B
C
D
E
F
3.3
B
C
D
E
F
G
4.7
B
C
D
E
F
G
H
6.8
C
D
E
F
G
H
10
D
E
F
G
15
E
F
G
H
22
F
G
H
33
F
G
H
47
G
H
68
G
H
100
H
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL (μA) AT
MAX. DF (%) AT
MAX. ESR
AT + 25 °C
100 kHz
(
)
+ 25 °C
+ 85 °C
+ 125 °C
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
4 VDC AT + 85 °C; 2.7 VDC AT + 125 °C
2.2
A
CWR06C(1)225(2)(3)(4)(5)
1.0
10
12
6
8
8
8.0
4.7
B
CWR06C(1)475(2)(3)(4)(5)
1.0
10
12
6
8
8
8.0
6.8
C
CWR06C(1)685(2)(3)(4)(5)
1.0
10
12
6
8
8
5.5
10
D
CWR06C(1)106(2)(3)(4)(5)
1.0
10
12
8
8
10
4.0
15
E
CWR06C(1)156(2)(3)(4)(5)
1.0
10
12
8
10
12
3.5
33
F
CWR06C(1)336(2)(3)(4)(5)
2.0
20
24
8
10
12
2.2
68
G
CWR06C(1)686(2)(3)(4)(5)
3.0
30
36
10
12
12
1.1
100
H
CWR06C(1)107(2)(3)(4)(5)
4.0
40
48
10
12
12
0.9
6 VDC AT + 85 °C; 4 VDC AT + 125 °C
1.5
A
CWR06D(1)155(2)(3)(4)(5)
1.0
10
12
6
8
8
8.0
3.3
B
CWR06D(1)335(2)(3)(4)(5)
1.0
10
12
6
8
8
8.0
4.7
C
CWR06D(1)475(2)(3)(4)(5)
1.0
10
12
6
8
8
5.5
6.8
D
CWR06D(1)685(2)(3)(4)(5)
1.0
10
12
6
8
8
4.5
10
E
CWR06D(1)106(2)(3)(4)(5)
1.0
10
12
8
10
12
3.5
22
F
CWR06D(1)226(2)(3)(4)(5)
2.0
20
24
8
10
12
2.2
47
G
CWR06D(1)476(2)(3)(4)(5)
3.0
30
36
10
12
12
1.1
68
H
CWR06D(1)686(2)(3)(4)(5)
4.0
40
48
10
12
12
0.9
Notes
• Part number definitions:
(1) Termination finish: B, C, H, K
(2) Capacitance tolerance: J, K, M
(3) Failure rate: B, C, D, M, P, R, S, T
(4) Surge current (optional): A, B, C
(5) Packaging: Blank, /FA, /HR, /PR, /TR
(1) 5 % tolerance is not available for the 0.33 μF/50 V design


Similar Part No. - CWR06FC155JPA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06FC155J VISHAY-CWR06FC155J Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
More results

Similar Description - CWR06FC155JPA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
595D VISHAY-595D Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com