Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A40MX04-1CQG208B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # A40MX04-1CQG208B
Description  40MX and 42MX FPGA Families
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX04-1CQG208B Datasheet(HTML) 1 Page - Microsemi Corporation

  A40MX04-1CQG208B Datasheet HTML 1Page - Microsemi Corporation A40MX04-1CQG208B Datasheet HTML 2Page - Microsemi Corporation A40MX04-1CQG208B Datasheet HTML 3Page - Microsemi Corporation A40MX04-1CQG208B Datasheet HTML 4Page - Microsemi Corporation A40MX04-1CQG208B Datasheet HTML 5Page - Microsemi Corporation A40MX04-1CQG208B Datasheet HTML 6Page - Microsemi Corporation A40MX04-1CQG208B Datasheet HTML 7Page - Microsemi Corporation A40MX04-1CQG208B Datasheet HTML 8Page - Microsemi Corporation A40MX04-1CQG208B Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
May 2012
i
© 2012 Microsemi Corporation
40MX and 42MX FPGA Families
Features
High Capacity
Single-Chip ASIC Alternative
3,000 to 54,000 System Gates
Up to 2.5 kbits Configurable Dual-Port SRAM
Fast Wide-Decode Circuitry
Up to 202 User-Programmable I/O Pins
High Performance
5.6 ns Clock-to-Out
250 MHz Performance
5 ns Dual-Port SRAM Access
100 MHz FIFOs
7.5 ns 35-Bit Address Decode
HiRel Features
Commercial,
Industrial,
Automotive,
and
Military
Temperature Plastic Packages
Commercial, Military Temperature, and MIL-STD-883
Ceramic Packages
QML Certification
Ceramic Devices Available to DSCC SMD
Ease of Integration
Mixed-Voltage Operation (5.0V or 3.3V for core and
I/Os), with PCI-Compliant I/Os
Up to 100% Resource Utilization and 100% Pin Locking
Deterministic, User-Controllable Timing
Unique In-System Diagnostic and Verification Capability
with Silicon Explorer II
Low Power Consumption
IEEE Standard 1149.1 (JTAG) Boundary Scan Testing
Product Profile
Device
A40MX02
A40MX04
A42MX09
A42MX16
A42MX24
A42MX36
Capacity
System Gates
SRAM Bits
3,000
6,000
14,000
24,000
36,000
54,000
2,560
Logic Modules
Sequential
Combinatorial
Decode
295
547
348
336
624
608
954
912
24
1,230
1,184
24
Clock-to-Out
9.5 ns
9.5 ns
5.6 ns
6.1 ns
6.1 ns
6.3 ns
SRAM Modules
(64x4 or 32x8)
––
10
Dedicated Flip-Flops
348
624
954
1,230
Maximum Flip-Flops
147
273
516
928
1,410
1,822
Clocks
11
2
2
2
6
User I/O (maximum)
57
69
104
140
176
202
PCI
––
Yes
Yes
Boundary Scan Test (BST)
––
Yes
Yes
Packages (by pin count)
PLCC
PQFP
VQFP
TQFP
CQFP
PBGA
44, 68
100
80
44, 68, 84
100
80
84
100, 160
100
176
84
100, 160, 208
100
176
84
160, 208
176
208, 240
208, 256
272
Revision 11


Similar Part No. - A40MX04-1CQG208B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A40MX04-1CQG100 MICROSEMI-A40MX04-1CQG100 Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A40MX04-1CQG100A MICROSEMI-A40MX04-1CQG100A Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A40MX04-1CQG100B MICROSEMI-A40MX04-1CQG100B Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A40MX04-1CQG100I MICROSEMI-A40MX04-1CQG100I Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A40MX04-1CQG100M MICROSEMI-A40MX04-1CQG100M Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results

Similar Description - A40MX04-1CQG208B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com