Electronic Components Datasheet Search |
|
A3P125-1FG100YI Datasheet(PDF) 3 Page - Microsemi Corporation |
|
A3P125-1FG100YI Datasheet(HTML) 3 Page - Microsemi Corporation |
3 / 220 page ProASIC3 Flash Family FPGAs Revision 13 III ProASIC3 Ordering Information ProASIC3 Device Status . ProASIC3 Devices Status Cortex-M1 Devices Status A3P015 Not recommended for new designs. A3P030 Production A3P060 Production A3P125 Production A3P250 Production M1A3P250 Production A3P400 Production M1A3P400 Production A3P600 Production M1A3P600 Production A3P1000 Production M1A3P1000 Production Speed Grade Blank = Standard 1 = 15% Faster than Standard 2 = 25% Faster than Standard A3P1000 FG _ Part Number ProASIC3 Devices 1 Package Type VQ = Very Thin Quad Flat Pack (0.5 mm pitch) QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitches) TQ = Thin Quad Flat Pack (0.5 mm pitch) 144 I Y Package Lead Count G Lead-Free Packaging Application (Temperature Range) Blank = Commercial (0°C to +70°C Ambient Temperature) I = Industrial ( –40°C to +85°C Ambient Temperature) Blank = Standard Packaging G= RoHS-Compliant (Green) Packaging (some packages also halogen-free) PP= Pre-Production ES= Engineering Sample (Room Temperature Only) 30,000 System Gates A3P030 = 15,000 System Gates (A3P015 is not recommended for new designs.) A3P015 = 60,000 System Gates A3P060 = 125,000 System Gates A3P125 = 250,000 System Gates A3P250 = 400,000 System Gates A3P400 = 600,000 System Gates A3P600 = 1,000,000 System Gates A3P1000 = ProASIC3 Devices with Cortex-M1 250,000 System Gates M1A3P250 = 400,000 System Gates M1A3P400 = 600,000 System Gates M1A3P600 = 1,000,000 System Gates M1A3P1000 = PQ = Plastic Quad Flat Pack (0.5 mm pitch) FG = Fine Pitch Ball Grid Array (1.0 mm pitch) CS = Chip Scale Package (0.5 mm pitch) Security Feature Y = Device Includes License to Implement IP Based on the Cryptography Research, Inc. (CRI) Patent Portfolio Blank = Device Does Not Include License to Implement IP Based on the Cryptography Research, Inc. (CRI) Patent Portfolio |
Similar Part No. - A3P125-1FG100YI |
|
Similar Description - A3P125-1FG100YI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |