Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5007R1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF5007R1
Description  N-CHANNEL BROADBAND RF POWER FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF5007R1 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF5007R1 Datasheet HTML 1Page - Motorola, Inc MRF5007R1 Datasheet HTML 2Page - Motorola, Inc MRF5007R1 Datasheet HTML 3Page - Motorola, Inc MRF5007R1 Datasheet HTML 4Page - Motorola, Inc MRF5007R1 Datasheet HTML 5Page - Motorola, Inc MRF5007R1 Datasheet HTML 6Page - Motorola, Inc MRF5007R1 Datasheet HTML 7Page - Motorola, Inc MRF5007R1 Datasheet HTML 8Page - Motorola, Inc MRF5007R1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MRF5007 MRF5007R1
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID = 2.5 mAdc)
V(BR)DSS
25
Vdc
Zero Gate Voltage Drain Current
(VDS = 15 Vdc, VGS = 0)
IDSS
1.0
mAdc
Gate–Source Leakage Current
(VGS = 20 Vdc, VDS = 0)
IGSS
1.0
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 10 mAdc)
VGS(th)
1.25
2.2
3.5
Vdc
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 1.0 Adc)
VDS(on)
0.3
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 1.0 Adc)
gfs
0.9
S
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 7.5 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
32
pF
Output Capacitance
(VDS = 7.5 Vdc, VGS = 0, f = 1.0 MHz)
Coss
63
pF
Reverse Transfer Capacitance
(VDS = 7.5 Vdc, VGS = 0, f = 1.0 MHz)
Crss
10
13
16
pF
FUNCTIONAL TESTS (In Motorola Test Fixture)
Common–Source Amplifier Power Gain
f = 512 MHz
(VDD = 7.5 Vdc, Pout = 7.0 W, IDQ = 75 mA)
Gps
10
11.5
dB
Drain Efficiency
f = 512 MHz
(VDD = 7.5 Vdc, Pout = 7.0 W, IDQ = 75 mA)
η
50
55
%
B1
Fair Rite Products Short Ferrite Bead (2743021446)
C1, C7
100 pF, 100 mil Chip
C2, C6
0–20 pF, Johanson
C3
47 pF, Miniature Clamped Mica Capacitor
C4
16 pF, Miniature Clamped Mica Capacitor
C5
21 pF, Miniature Clamped Mica Capacitor
C8, C13 10
µF, 50 V, Electrolytic
C9, C12 0.1
µF, Chip Capacitor
C10
1000 pF, 100 mil Chip
C11
140 pF, 100 mil Chip
L1
7 Turns, 0.076
″ ID, #24 AWG Enamel
L2
5 Turns, 0.126
″ ID, #20 AWG Enamel
N1, N2
Type N Flange Mount
R1
39
Ω, 1/4 W Carbon
R2
30
Ω, 0.1 W Chip
R3
1.0 k
Ω, 0.1 W Chip
R4
1.1 M
Ω, 1/4 W Carbon
Z1, Z10
0.594
″ x 0.08″ Microstrip
Z2
0.811
″ x 0.08″ Microstrip
Z3
0.270
″ x 0.08″ Microstrip
Z4
0.122
″ x 0.08″ Microstrip
Z5
0.303
″ x 0.08″ Microstrip
Z6
0.211
″ x 0.08″ Microstrip
Z7
0.084
″ x 0.08″ Microstrip
Z8
0.060
″ x 0.08″ Microstrip
Z9
1.343
″ x 0.08″ Microstrip
Board — Glass Teflon®, 31 mils
Note: BeCu part locators (0.147
″ x 0.093″)
Note: soldered onto Z5 and Z6
Figure 1. 512 MHz Narrowband Test Circuit
VGG
RF
INPUT
RF
OUTPUT
C8
C9
R4
R3
C10
C11
C12
C13
B1
L2
Z6
Z7
Z8
Z9
Z10
C5
C6
C7
Z5
Z4
Z3
Z2
Z1
C1
C2
C3
R1
R2
VDD
DUT
L1
C4
+
+
N1
N2


Similar Part No. - MRF5007R1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRF500 BEL-MRF500 Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
MRF500 BEL-MRF500 Datasheet
1Mb / 4P
   TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
logo
Motorola, Inc
MRF5003 MOTOROLA-MRF5003 Datasheet
206Kb / 10P
   N-CHANNEL BROADBAND RF POWER FET
logo
Advanced Semiconductor
MRF5003 ASI-MRF5003 Datasheet
22Kb / 2P
   VHF POWER MOSFET
More results

Similar Description - MRF5007R1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
   N-CHANNEL BROADBAND RF POWER FET
logo
Motorola, Inc
MRF5015 MOTOROLA-MRF5015 Datasheet
154Kb / 8P
   N-CHANNEL BROADBAND RF POWER FET
MRF255 MOTOROLA-MRF255 Datasheet
151Kb / 8P
   N-CHANNEL BROADBAND RF POWER FET
MRF5035 MOTOROLA-MRF5035 Datasheet
142Kb / 8P
   N-CHANNEL BROADBAND RF POWER FET
MRF5003 MOTOROLA-MRF5003 Datasheet
206Kb / 10P
   N-CHANNEL BROADBAND RF POWER FET
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF136Y MACOM-MRF136Y Datasheet
221Kb / 9P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
   N-CHANNEL MOS BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com