Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR200 Datasheet(PDF) 3 Page - Sanken electric

Part # BR200
Description  POL Converter Module for 12 V System Intermediate Bus
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

BR200 Datasheet(HTML) 3 Page - Sanken electric

  BR200 Datasheet HTML 1Page - Sanken electric BR200 Datasheet HTML 2Page - Sanken electric BR200 Datasheet HTML 3Page - Sanken electric BR200 Datasheet HTML 4Page - Sanken electric BR200 Datasheet HTML 5Page - Sanken electric BR200 Datasheet HTML 6Page - Sanken electric BR200 Datasheet HTML 7Page - Sanken electric BR200 Datasheet HTML 8Page - Sanken electric BR200 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SANKEN ELECTRIC CO., LTD.
BR200-DS, Rev. 0.2
POL Converter Module for 12 V System Intermediate Bus
BR200/201
Electrical Characteristics Unless specifically noted, TA is 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
VIN
7.0
12.0
14.0
V
Output Voltage
VOUT
BR200
Adjust with RTRIM
0.75
1.65
V
BR201
1.60
3.63
V
Output Current
IOUT
With temperature derating
0
10
A
Output Voltage Accuracy
ErrVOUT
VIN = 7 to 14 V, IOUT = 0 to IOUT(max), Operating
Temperature Range, RTRIM =1% accuracy
–2.0
2.0
%VOUT
Ripple Voltage1
Vrip
BR200
BW = 20 MHz, VOUT = 1.5 V,
IOUT = 0 to10 A, COUT = 400 μF
35
50
mVp-p
BR201
BW = 20 MHz, VOUT = 3.3 V,
IOUT = 0 to10 A, COUT = 200 μF
5
50
mVp-p
Efficiency
η
BR200
VIN = 12 V, IOUT = 10 A, VOUT = 1.5 V
88.5
%
BR201
VIN = 12 V, IOUT = 10 A, VOUT = 3.3 V
93.2
%
Operating Frequency
fOP
BR200
300
kHz
BR201
600
kHz
Overcurrent Protection Threshold
IOUT(OCP)
Hiccup
24.5
A
Input Capacitor2
CIN
When input voltage is an ideal voltage source
20
5000
μF
Output Capacitor2
COUT
BR200
When input voltage is an ideal voltage
source
200
4000
μF
BR201
200
3000
μF
Startup Time
tr
BR200
VOUT from 10% to 90% points
1.5
ms
BR201
1.0
ms
Start Delay Time
td
With the ON/¯O¯¯F¯¯F¯ pin open, measured from the
VIN pin switching high, to VOUT reaching 10% of
operating level (see figure 1)
2
ms
ON/¯O¯¯F¯¯F¯ Start Delay Time
trcd
With the VIN pin high, measured from the
ON/¯O¯¯F¯¯F¯ pin switching open, to VOUT reaching
10% of operating level (see figure 2)
2
ms
Interface Characteristics
Power Good
PWGL
BR200
Lower limit of Power Good
83.3
87.5
91.7
%VOUT
BR201
Lower limit of Power Good
83.1
87.3
91.5
%VOUT
PWGH
BR200
Upper limit of Power Good
109.2
112.5
116.7
%VOUT
BR201
Upper limit of Power Good
109.3
112.7
116.9
%VOUT
ON/¯O¯¯F¯¯F¯ Pin High Voltage
VIH
When the ON/¯O¯¯F¯¯F¯ pin is set open, the
BR200/201 converter is turned on
0.55
0.70
1.00
V
ON/¯O¯¯F¯¯F¯ Pin Low Voltage
VIL
When the ON/¯O¯¯F¯¯F¯ pin is pulled down to GND,
the BR200/201 converter is turned off
0.27
0.30
0.33
V
1
See the Ripple Voltage Measuring Method section.
2
Place bypass capacitors between the VIN and VOUT terminals and GND (see CIN and COUT in the Typical Application Circuit diagram). Locate the
capacitor as close as possible to the terminal.


Similar Part No. - BR200

ManufacturerPart #DatasheetDescription
logo
Sanken electric
BR200 SANKEN-BR200 Datasheet
684Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
logo
Extech Instruments Corp...
BR200 EXTECH-BR200 Datasheet
175Kb / 1P
   Video Borescope/Wireless Inspection Camera
logo
Vestal Electronic Devic...
BR200-20-E VESTAL-BR200-20-E Datasheet
138Kb / 1P
   Bare Radial Jumper Wire
BR200-20-EH VESTAL-BR200-20-EH Datasheet
138Kb / 1P
   Bare Radial Jumper Wire
BR200-20-EL VESTAL-BR200-20-EL Datasheet
22Kb / 1P
   Bare Radial Jumper Wire
More results

Similar Description - BR200

ManufacturerPart #DatasheetDescription
logo
Sanken electric
BR201 SANKEN-BR201 Datasheet
684Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR200 SANKEN-BR200 Datasheet
684Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR203 SANKEN-BR203 Datasheet
617Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR202 SANKEN-BR202 Datasheet
622Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR202 SANKEN-BR202 Datasheet
616Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR204 SANKEN-BR204 Datasheet
604Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR204 SANKEN-BR204 Datasheet
605Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR206 SANKEN-BR206 Datasheet
697Kb / 12P
   POL Converter Module for 5 V System Intermediate Bus
BR205 SANKEN-BR205 Datasheet
610Kb / 12P
   POL Converter Module for 5 V System Intermediate Bus
BR205 SANKEN-BR205 Datasheet
610Kb / 12P
   POL Converter Module for 5 V System Intermediate Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com