Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1001 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SF1001
Description  VOLTAGE - 50 TO 600 VOLTS CURRENT - 10 AMPERES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SF1001 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  SF1001 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SF1001 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SF1001 THRU SF1007
SUPERFAST RECOVERY RECTIFIER
SUPERFAST RECOVERY RECTIFIER
VOLTAGE - 50 TO 600 VOLTS
CURRENT - 10 AMPERES
SUPERFAST RECOVERY RECTIFIER
SUPERFAST
ER
SF1001 thru SF1007
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - SF1001

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
SF1001 MTRONPTI-SF1001 Datasheet
340Kb / 2P
   140 MHz 750 kHz SAW Filter
logo
PACELEADER INDUSTRIAL
SF1001 PACELEADER-SF1001 Datasheet
538Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF1001 YEASHIN-SF1001 Datasheet
38Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
logo
PACELEADER INDUSTRIAL
SF1001CT PACELEADER-SF1001CT Datasheet
583Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF1001CT YEASHIN-SF1001CT Datasheet
67Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
More results

Similar Description - SF1001

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SF21 DAESAN-SF21 Datasheet
315Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 600 Volts
SF31 DAESAN-SF31 Datasheet
302Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 600 Volts
SF51 DAESAN-SF51 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
HER3001 DAESAN-HER3001 Datasheet
323Kb / 2P
   CURRENT 30.0 Amperes VOLTAGE 50 to 600 Volts
SF81 DAESAN-SF81 Datasheet
324Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
HEP801 DAESAN-HEP801 Datasheet
256Kb / 2P
   CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
HEP1601 DAESAN-HEP1601 Datasheet
267Kb / 2P
   CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
SFP161 DAESAN-SFP161 Datasheet
280Kb / 2P
   CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
UFR1610 DAESAN-UFR1610 Datasheet
279Kb / 2P
   CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
UFP1610 DAESAN-UFP1610 Datasheet
285Kb / 2P
   CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com