Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0208DPA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK0208DPA
Description  Built in SBD N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0208DPA Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK0208DPA_13 Datasheet HTML 1Page - Renesas Technology Corp RJK0208DPA_13 Datasheet HTML 2Page - Renesas Technology Corp RJK0208DPA_13 Datasheet HTML 3Page - Renesas Technology Corp RJK0208DPA_13 Datasheet HTML 4Page - Renesas Technology Corp RJK0208DPA_13 Datasheet HTML 5Page - Renesas Technology Corp RJK0208DPA_13 Datasheet HTML 6Page - Renesas Technology Corp RJK0208DPA_13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK0208DPA
Preliminary
R07DS0942EJ0400 Rev.4.00
Page 2 of 6
Mar 21, 2013
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
25
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
± 0.5
A
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
mA
VDS = 25 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, I D = 1 mA
RDS(on)
1.6
2.0
m
ID = 32.5A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
2.1
2.7
m
ID = 32.5A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
125
S
ID = 32.5A, VDS = 5 V
Note4
Input capacitance
Ciss
5350
7490
pF
Output capacitance
Coss
1290
pF
Reverse transfer capacitance
Crss
530
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Gate Resistance
Rg
1.6
3.2
Total gate charge
Qg
36.0
nC
Gate to source charge
Qgs
15.3
nC
Gate to drain charge
Qgd
10.0
nC
VDD = 10 V
VGS = 4.5 V
ID = 65 A
Turn-on delay time
td(on)
21
ns
Rise time
tr
8
ns
Turn-off delay time
td(off)
80
ns
Fall time
tf
17
ns
VGS = 10 V, ID = 32.5 A
VDD  10 V
RL = 0.31
Rg = 4.7
Body–drain diode forward voltage
VDF
0.39
V
IF = 2 A, VGS = 0
Note4
Body–drain diode reverse recovery
time
trr
45
ns
IF =65 A, VGS = 0
diF/ dt = 100 A/ s
Notes: 4. Pulse test


Similar Part No. - RJK0208DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0208DPA-00-J53 RENESAS-RJK0208DPA-00-J53 Datasheet
85Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results

Similar Description - RJK0208DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0236DPA RENESAS-RJK0236DPA Datasheet
161Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA_13 Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03A4DPA RENESAS-RJK03A4DPA_13 Datasheet
127Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0213DPA RENESAS-RJK0213DPA_13 Datasheet
197Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0206DPA RENESAS-RJK0206DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0380DPA RENESAS-RJK0380DPA_13 Datasheet
127Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com