Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK03B8DPA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK03B8DPA
Description  N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03B8DPA Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK03B8DPA_13 Datasheet HTML 1Page - Renesas Technology Corp RJK03B8DPA_13 Datasheet HTML 2Page - Renesas Technology Corp RJK03B8DPA_13 Datasheet HTML 3Page - Renesas Technology Corp RJK03B8DPA_13 Datasheet HTML 4Page - Renesas Technology Corp RJK03B8DPA_13 Datasheet HTML 5Page - Renesas Technology Corp RJK03B8DPA_13 Datasheet HTML 6Page - Renesas Technology Corp RJK03B8DPA_13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK03B8DPA
Preliminary
R07DS0931EJ0400 Rev.4.00
Page 3 of 6
Mar 22, 2013
Main Characteristics
20
16
12
8
4
0
24
6
8
10
20
16
12
8
4
0
12
3
4
5
10
3
1
30
300
1
10
100
1000
3
400
300
200
100
0
4
8
12
16
20
10 A
100
30
10 V
2.8 V
3.0 V
10 V
4.5 V
5A
40
30
20
10
0
50
100
150
200
0.1
1
10
100
10
100
1000
1
0.1
PW = 10 ms
Case Temperature Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Tc = 25 °C
1 shot Pulse
Operation in
this area is
limited by RDS(on)
1 ms
10
μs
Gate to Source Voltage VGS (V)
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Typical Transfer Characteristics
Pulse Test
VGS = 2.6 V
VDS = 10 V
Pulse Test
Tc = 75°C
25°C
–25°C
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source On State Resistance
vs. Drain Current
Pulse Test
Pulse Test
ID = 20 A
VGS = 4.5 V


Similar Part No. - RJK03B8DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03B8DPA RENESAS-RJK03B8DPA_10 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK03B8DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E8DPA RENESAS-RJK03E8DPA_13 Datasheet
124Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com