Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK03A4DPA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK03A4DPA
Description  Built in SBD N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03A4DPA Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK03A4DPA_13 Datasheet HTML 1Page - Renesas Technology Corp RJK03A4DPA_13 Datasheet HTML 2Page - Renesas Technology Corp RJK03A4DPA_13 Datasheet HTML 3Page - Renesas Technology Corp RJK03A4DPA_13 Datasheet HTML 4Page - Renesas Technology Corp RJK03A4DPA_13 Datasheet HTML 5Page - Renesas Technology Corp RJK03A4DPA_13 Datasheet HTML 6Page - Renesas Technology Corp RJK03A4DPA_13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK03A4DPA
Preliminary
R07DS0094EJ0400 Rev.4.00
Page 4 of 6
Mar 21, 2013
Case Temperature
Tc
(°C)
Static Drain to Source On State Resistance
vs. Temperature
10
8
6
4
2
–25
0
25
50
75
100 125
150
0
ID = 5 A, 10 A, 20 A
VGS = 4.5 V
10 V
Pulse Test
5 A, 10 A, 20 A
Channel Temperature Tch (
°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
50
40
30
20
10
25
50
75
100
125
150
0
IAP = 18 A
VDD = 15 V
duty < 0.1 %
Rg
≥ 50 Ω
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
50
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
Pulse Test
5 V
VGS = 0, –5 V
10 V
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
010
30
20
10000
3000
1000
300
100
30
10
VGS = 0
f = 1 MHz
Crss
Coss
Ciss
Gate Charge
Qg (nc)
Dynamic Input Characteristics
50
40
30
20
10
0
20
16
12
8
4
20
40
60
80
100
0
0
ID = 42 A
VGS
VDS
VDD = 25 V
10 V
VDD = 25 V
10 V


Similar Part No. - RJK03A4DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03A4DPA-00-J53 RENESAS-RJK03A4DPA-00-J53 Datasheet
248Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03A4DPA-00-J53 RENESAS-RJK03A4DPA-00-J53 Datasheet
88Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results

Similar Description - RJK03A4DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0208DPA RENESAS-RJK0208DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0236DPA RENESAS-RJK0236DPA Datasheet
161Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA_13 Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0213DPA RENESAS-RJK0213DPA_13 Datasheet
197Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0206DPA RENESAS-RJK0206DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0380DPA RENESAS-RJK0380DPA_13 Datasheet
127Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com