Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTSH-150-03-F-DV-EL-K Datasheet(PDF) 2 Page - Samtec, Inc

Part # FTSH-150-03-F-DV-EL-K
Description  SMT MICRO HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FTSH-150-03-F-DV-EL-K Datasheet(HTML) 2 Page - Samtec, Inc

  FTSH-150-03-F-DV-EL-K Datasheet HTML 1Page - Samtec, Inc FTSH-150-03-F-DV-EL-K Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optional end
shrouds and
ejector shrouds
Surface mount
(1,27 mm) .050"
micro pitch
Optional
guide
post
(2,92 mm)
.115"
FTSH–116–02–L–DV
FTSH–110–01–F–DV
FTSH–130–02–L–DV–EP
FTSH–113–02–L–DH
FTSH–116–03–L–DV–EP–P
WWW.SAMTEC.COM
(11,18)
.440
(4,83)
.190
(3,05)
.120
(2,29)
.090
(1,17)
.046
(3,05)
.120
(1,91)
.075
DIA
(4,10)
.160
(3,30)
.130
x
(5,08)
.200
(1,22)
.048
(4,83)
.190
(2,16)
.085
(5,08)
.200
(3,20)
.126
(0,89)
.035
DIA
(0,86)
.034
PLATING
OPTION
–F
= Gold flash on post,
Matte Tin on tail
–L
= 10µ" (0,25 µm) Gold
on post, Matte Tin on tail
TAIL
OPTION
–DV
= Double Vertical
–DH
= Double Horizontal
(Styles –01, –02
& –04 only)
–MT
= Mixed Technology
(Styles –01, –02
& –04 only)
OTHER
OPTIONS
FLEX SHROUD
OPTIONS
–K
= Keying Shroud
(For mating with FFSD
Style –01 only and
05, 08, 10, 13, 17, 20 & 25
pins/row only. 13, 17, 20 & 25
pins/row only with shrouds)
(–DV only)
–A
= Alignment Pin
(–DV 3 positions min.)
(–DH 5 positions min.)
(Metal or plastic at
Samtec discretion)
–C
= (4,00 mm) .157" DIA
Polyimide film
Pick & Place Pad
(–DH only)
–P
= Pick & Place Pad
(–DV 4 positions min.)
(–DH & –MT not available)
–TR
= Tape & Reel Packaging
(Flex Shroud options not
available except –ES & –EJ)
–EJ
= Ejector Shroud
(Style –01 only)
–DH & –MT not available
10 pins/row minimum
25 pins/row maximum
–A
–EJ
–EP
–EC
–EL
–ES
–P
–K
(Style –02 & –03 only,
–DH & –MT not available)
9 pins/row minimum
(Other positions available.
Call Samtec.)
–ES
= End Shroud
–EC
= End Shroud
with Locking Clip
(Manual placement required)
–EP
= End Shroud
with Guide Post
–EL
= End Shroud with Board Lock
(Boards are positively locked
and cannot be unmated)
Note: Other Gold plating
options available.
Contact Samtec.


Similar Part No. - FTSH-150-03-F-DV-EL-K

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FTSH-102-01-F-DH-TR SAMTEC-FTSH-102-01-F-DH-TR Datasheet
272Kb / 1P
   SURFACE MOUNT MICRO HEADER
Rev 10FEB22
FTSH-102-01-F-DV-TR SAMTEC-FTSH-102-01-F-DV-TR Datasheet
272Kb / 1P
   SURFACE MOUNT MICRO HEADER
Rev 10FEB22
FTSH-102-02-L-DV-TR SAMTEC-FTSH-102-02-L-DV-TR Datasheet
272Kb / 1P
   SURFACE MOUNT MICRO HEADER
Rev 10FEB22
FTSH-102-03-F-DV-TR SAMTEC-FTSH-102-03-F-DV-TR Datasheet
272Kb / 1P
   SURFACE MOUNT MICRO HEADER
Rev 10FEB22
FTSH-102-03-L-DV-TR SAMTEC-FTSH-102-03-L-DV-TR Datasheet
272Kb / 1P
   SURFACE MOUNT MICRO HEADER
Rev 10FEB22
More results

Similar Description - FTSH-150-03-F-DV-EL-K

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FTSH-109-03-L-DV SAMTEC-FTSH-109-03-L-DV Datasheet
1Mb / 2P
   SMT MICRO HEADER
FTSH-105-01-F-DV SAMTEC-FTSH-105-01-F-DV Datasheet
1Mb / 2P
   SMT MICRO HEADER
FTE-120-02-G-DV SAMTEC-FTE-120-02-G-DV Datasheet
504Kb / 1P
   SMT MICRO HEADER
FTSH-120-01-F-DV SAMTEC-FTSH-120-01-F-DV Datasheet
1Mb / 2P
   SMT MICRO HEADER
logo
Molex Electronics Ltd.
43045-0818 MOLEX8-43045-0818 Datasheet
115Kb / 1P
   MICRO FIT DUAL ROW VERTICAL SMT HEADER W/NAILS ASSY
logo
Wurth Elektronik GmbH &...
685119248223 WURTH-685119248223 Datasheet
496Kb / 1P
   HORIZONTAL SMT MICRO HDMI
logo
Samtec, Inc
FTMH-120-03-F-DV-ES-P-TR SAMTEC-FTMH-120-03-F-DV-ES-P-TR Datasheet
1Mb / 2P
   SMT MICRO TERMINAL STRIPS
FTMH-12003-FD-VES SAMTEC-FTMH-12003-FD-VES Datasheet
1Mb / 2P
   SMT MICRO TERMINAL STRIPS
FTMH-140-03-L-DV SAMTEC-FTMH-140-03-L-DV Datasheet
1Mb / 2P
   SMT MICRO TERMINAL STRIPS
logo
Wurth Elektronik GmbH &...
685119248123 WURTH-685119248123 Datasheet
507Kb / 1P
   HORIZONTAL SMT MICRO HDMI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com