Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH8M16GCATCEBAA01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SH8M16GCATCEBAA01
Description  e?줞MCTM Product Family
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SH8M16GCATCEBAA01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SH8M16GCATCEBAA01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SH8M16GCATCEBAA01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMART’s Memory Solutions
eMMCTM Product Family
eMMC Product Family
SMART’s eMMC Product Family is an embedded memory
solution that combines NAND Flash Memory, an embedded MMC
(MultiMediaCard) controller, and advanced Firmware in a small
BGA package that provides a stable yet cost effective high-density
embedded storage.
eMMC can simplify your system design effort since the JEDEC
standard interface makes the NAND technology invisible to the
host, enabling easier design-in, reduced time-to-market, as well as
simpler technology migration as the NAND memory scales.
SMART’s eMMC Product Family is designed to meet the rigid
requirements of the Automotive, Industrial, Medical, and Networking
segments where technical support, extended life, and stable
roadmaps are critical in choosing the right supplier.
SMART’s eMMC solution is availablle in the standard JEDEC
0.5mm pitch 169-ball package as well as the 1.0mm pitch 100-ball
package. Comparing to the former, the 100b package can provide
customers a solution with larger ball pitch and ball diameter that
enables lower cost PCB designs, and simplifies PCB routing with
wider metal traces that can provide better thermal dissipation.
• eMMC4.5compliant(alsocompatiblewithhosts
basedon4.41)
• 8GBto64GB
• DedicatedSKUspecificallyforAutomotiveapplications
• VCC=3.3VandVCCQ=3.3Vor1.8V
• Upto160MB/ssequentialread,upto48MB/s
sequentialwrite
• OperatingTemperature:
-
Automotive:-40°Cto+85°C
-
IndustrialTemp:-40°Cto+85°C
-
ExtendedTemp:-25°Cto+85°C
Features
• GovernedbyJEDEC
• Futuregenerationsdesignedtobebackwardscompatible
• NANDtechnologyconcernshiddenbehind
advancedcontroller
• Highperformanceandlowpowerinasmallformfactor
Customer Benefits
• AutomotiveInfotainment(In-Dash)
• FactoryAutomationEquipment
• Networkingappliances(e.gRouters)
• MedicalDevices
• Point-of-SaleTerminals
• Printers
• RFIDscanners
• Servers
• SingleBoardComputers
• VoIP
Target Applications
1. ATrustedSupplier–over25yearsofsupporting
demandingOEMs
2. SupportwithaTrueEmbeddedFocus–weonlyfocuson
embeddedapplicationssoeventhelittleguysarebigin
oureyes
3.DifferentiatedProducts–teamofengineerstosupport
youreveryneed
4. SupportAcrosstheEntireLifeCycle–dedicated
supportfromwombtotomb
Why SMART for eMMC
Automotive
Industrial
Medical
Networking
POS
Printers
RFID
Servers


Similar Part No. - SH8M16GCATCEBAA01

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8M11 ROHM-SH8M11 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SH8M13 ROHM-SH8M13 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SH8M14 ROHM-SH8M14 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
More results

Similar Description - SH8M16GCATCEBAA01

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
logo
NXP Semiconductors
HCS12DBFAMILYPP NXP-HCS12DBFAMILYPP Datasheet
797Kb / 12P
   HCS12DB Family Product Proposal
Rev. 0.7, 8/2003
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
Motorola, Inc
MC9S12DB MOTOROLA-MC9S12DB Datasheet
758Kb / 12P
   HCS12DB Family Product Proposal
logo
List of Unclassifed Man...
AT25DF256 ETC2-AT25DF256 Datasheet
437Kb / 7P
   Bios Flash Product Family
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
List of Unclassifed Man...
CXD9450 ETC-CXD9450 Datasheet
114Kb / 16P
   Single-Chip FaxEngine Product Family
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com