Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM2412B-FLW-XFW-M Datasheet(PDF) 4 Page - AZ Displays

Part # ATM2412B-FLW-XFW-M
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM2412B-FLW-XFW-M Datasheet(HTML) 4 Page - AZ Displays

  ATM2412B-FLW-XFW-M Datasheet HTML 1Page - AZ Displays ATM2412B-FLW-XFW-M Datasheet HTML 2Page - AZ Displays ATM2412B-FLW-XFW-M Datasheet HTML 3Page - AZ Displays ATM2412B-FLW-XFW-M Datasheet HTML 4Page - AZ Displays ATM2412B-FLW-XFW-M Datasheet HTML 5Page - AZ Displays ATM2412B-FLW-XFW-M Datasheet HTML 6Page - AZ Displays ATM2412B-FLW-XFW-M Datasheet HTML 7Page - AZ Displays ATM2412B-FLW-XFW-M Datasheet HTML 8Page - AZ Displays ATM2412B-FLW-XFW-M Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ATM2412B SERIES TFT GRAPHIC MODULE VER1.1
AZ DISPLAYS
3
1.0 GENERAL SPECS
ATM2412B series TFT graphic module is an advanced product which adopts TFT and FPGA technology.
It can perfectly replace the old 240*128 STN/FSTN graphic module with almost no change on hardware and
software. Customer can easily get higher contrast, wider viewing angle, better high/low temperature
performance and other features with least cost increasing.
1.
Display Format
240*128 DOTS
2.
Power Supply LCM
5.0V/3.3V (Refer to P/N description in last page)
3.
Overall Module Size
144.0mm(W) x 104.0mm(H) x max 10.0mm(D) *
4.
Viewing Area(W*H)
113.5mm(W) x 64.0mm(H)
5.
Pixel Pitch (W*H)
0.462mm(W) x 0.462mm(H)
6.
Active Area(W*H)
110.88mm(W) x 59.136mm(H)
6.
Viewing Direction
Free viewing angle
7.
Driving Method
TFT
8.
Controller IC
RA6963 or compatible
9.
Display Mode
Customized display mode(Refer to P/N description)
10. Backlight Options
White LED/Side
11. Operating temperature
-20ºC ~ 70ºC
12. Storage temperature
-30ºC ~ 80ºC
13. RoHS
RoHS compliant
* Doesn't contain connector height
2.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature
Top
-20
--
70
ºC
Storage temperature
Tst
-30
--
80
ºC
Input voltage
Vin
Vss-0.3
--
Vdd+0.3
V
Supply voltage for logic
Vdd- Vss
-0.3
-
7.0
V
3.0 ELECTRICAL CHARACTERISTICS
3.1 Electrical Characteristics Of LCM
Item
Symbol
Condition
Min
Typ
Max
Unit
Power Supply Voltage
Vdd
25ºC
4.8
5.0
5.2
V
3.0
3.3
3.6
Power Supply Current
Idd
Vdd=5.0V
--
--
65
mA
Vdd=3.3V
--
--
55
Input voltage (high)
Vih
Pins:( /WR, /RD, /CE, C/D,
/RESET,DB0-DB7,FS)
0.8Vdd
--
Vdd
V
Input voltage (low)
Vil
0
--
0.2Vdd
V


Similar Part No. - ATM2412B-FLW-XFW-M

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM2412BS AZDISPLAYS-ATM2412BS Datasheet
232Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412BS-FL-YFW AZDISPLAYS-ATM2412BS-FL-YFW Datasheet
232Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412BS-FL-YFW-M AZDISPLAYS-ATM2412BS-FL-YFW-M Datasheet
232Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412BS-FLW-FFW AZDISPLAYS-ATM2412BS-FLW-FFW Datasheet
232Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412BS-FLW-FFW-M AZDISPLAYS-ATM2412BS-FLW-FFW-M Datasheet
232Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM2412B-FLW-XFW-M

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com