Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW0805562FFKEH Datasheet(PDF) 7 Page - Vishay Siliconix

Part # CRCW0805562FFKEH
Description  Standard Thick Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0805562FFKEH Datasheet(HTML) 7 Page - Vishay Siliconix

  CRCW0805562FFKEH Datasheet HTML 1Page - Vishay Siliconix CRCW0805562FFKEH Datasheet HTML 2Page - Vishay Siliconix CRCW0805562FFKEH Datasheet HTML 3Page - Vishay Siliconix CRCW0805562FFKEH Datasheet HTML 4Page - Vishay Siliconix CRCW0805562FFKEH Datasheet HTML 5Page - Vishay Siliconix CRCW0805562FFKEH Datasheet HTML 6Page - Vishay Siliconix CRCW0805562FFKEH Datasheet HTML 7Page - Vishay Siliconix CRCW0805562FFKEH Datasheet HTML 8Page - Vishay Siliconix CRCW0805562FFKEH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 20035
For technical questions, contact: thickfilmchip@vishay.com
www.vishay.com
Revision: 04-Jun-12
131
D/CRCW e3
Standard Thick Film Chip Resistors
Vishay
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
All tests are carried out in accordance with the following specifications:
 EN 60115-1, generic specification
 EN 140400, sectional specification
 EN 140401-802, detail specification
 IEC 60068-2-x, environmental test procedures
Packaging of components is done in paper or blister tapes according to IEC 60286-3.
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath method
(260 ± 5)
C;
(10 ± 1) s
± (0.25 % R + 0.05
)
± (0.5 % R + 0.05
)
4.35
-
Flamability,
needle flame test
IEC 60695-11-5;
10 s
No burning after 30 s
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C;
(93 ± 3) % RH;
56 days
± (1 % R + 0.05
)
4.25.3
-
Endurance at
upper category
temperature
155 °C, 1000 h
± (1 % R + 0.05
)± (2 % R + 0.1 )
4.40
-
Electrostatic
discharge
(human body model)
IEC 61340-3-1;
3 pos. + 3 neg.
discharges;
ESD voltage acc. to size
± (1 % R + 0.05
)
4.29
45 (XA)
Component solvent
resistance
Isopropyl alcohol;
50 °C; method 2
No visible damage
4.30
45 (XA)
Solvent resistance
of marking
Isopropyl alcohol;
50 °C; method 1,
toothbrush
Marking legible,
no visible damage
4.22
6 (Fc)
Vibration, endurance
by sweeping
f = 10 Hz to 2000 Hz;
x, y, z
 1.5 mm;
A
 200 m/s2;
10 sweeps per axis
± (0.25 % R + 0.05
)
± (0.5 % R + 0.05
)
4.37
-
Periodic electric
overload
U =
 2 x U
max.;
0.1 s on; 2.5 s off;
1000 cycles
± (1 % R + 0.05
)
4.27
-
Single pulse high
voltage overload,
10 µs/700 µs
Û = 10 x
 2 x U
max.;
10 pulses
± (1 % R + 0.05
)
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
SIZE 0402 to 2512
STABILITY
CLASS 1
OR BETTER
STABILITY
CLASS 2
OR BETTER
Stability for product types:
D/CRCW e3
1
 to 10 M
15 x P
70 x R
P
70 x R


Similar Part No. - CRCW0805562FFKEH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0805562KFKTA VISHAY-CRCW0805562KFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562KJKTA VISHAY-CRCW0805562KJKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562KZKTA VISHAY-CRCW0805562KZKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562MFKTA VISHAY-CRCW0805562MFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562MJKTA VISHAY-CRCW0805562MJKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - CRCW0805562FFKEH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW12062K00JNEA VISHAY-CRCW12062K00JNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Vicor Corporation
CRCW120647K0FKEA VICOR-CRCW120647K0FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
CRCW040249R9FKED VISHAY-CRCW040249R9FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW1206100RFKEA VISHAY-CRCW1206100RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06031K74FKEA VISHAY-CRCW06031K74FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW04021K80FKED VISHAY-CRCW04021K80FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW251210R0FKEG VISHAY-CRCW251210R0FKEG Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW080549K9FKEA VISHAY-CRCW080549K9FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805200RFKEA VISHAY-CRCW0805200RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW040247K0JNED VISHAY-CRCW040247K0JNED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805100MJPEAHR VISHAY-CRCW0805100MJPEAHR Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com