Electronic Components Datasheet Search |
|
R1QMA7218AB Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
R1QMA7218AB Datasheet(HTML) 1 Page - Renesas Technology Corp |
1 / 39 page R1QGA72 / R1QKA72 Series Rev. 0.11 : 2013.01.15 Rev. 0.11 2013.01.15 Description The R1Q#A7236 is a 2,097,152-word by 36-bit and the R1Q#A7218 is a 4,194,304-word by 18-bit synchronous quad data rate static RAM fabricated with advanced CMOS technology using full CMOS six-transistor memory cell. It integrates unique synchronous peripheral circuitry and a burst counter. All input registers are controlled by an input clock pair (K and /K) and are latched on the positive edge of K and /K. These products are suitable for applications which require synchronous operation, high speed, low voltage, high density and wide bit configuration. These products are packaged in 165-pin plastic FBGA package. # = A: Read Latency =2.5, w/o ODT # = G: Read Latency =2.0, w/o ODT # = D: Read Latency =2.5, w/ ODT # = K: Read Latency =2.0, w/ ODT hinT=00000.0000.0000.1100.1100--- 00000.0000.0000.0000.0000--- 00000.0000.0000.0000.0000--- QDRII+_RL20 Features Power Supply • 1.8 V for core (V DD), 1.4 V to VDD for I/O (VDDQ) Clock • Fast clock cycle time for high bandwidth • Two input clocks (K and /K) for precise DDR timing at clock rising edges only • Two output echo clocks (CQ and /CQ) simplify data capture in high-speed systems • Clock-stop capability with μs restart I/O • Separate independent read and write data ports with concurrent transactions • 100% bus utilization DDR read and write operation • HSTL I/O • User programmable output impedance • DLL/PLL circuitry for wide output data valid window and future frequency scaling • Data valid pin (QVLD) to indicate valid data on the output Function • Four-tick burst for reduced address frequency • Internally self-timed write control • Simple control logic for easy depth expansion • JTAG 1149.1 compatible test access port Package • 165 FBGA package (15 x 17 x 1.4 mm) R1QGA7236ABG / R1QGA7218ABG R1QKA7236ABG / R1QKA7218ABG 72-Mbit QDR™II+ SRAM 4-word Burst Notes: 1. QDR RAMs and Quad Data Rate RAMs comprise a new family of products developed by Cypress Semiconductor, IDT, Samsung, and Renesas Electronics Corp. (QDR Co-Development Team) 2. The specifications of this device are subject to change without notice. Please contact your nearest Renesas Electronics Sales Office regarding specifications. 3. Refer to "http://www.renesas.com/products/memory/fast_sram/qdr_sram/index.jsp" for the latest and detailed information. 4. Descriptions about x9 parts in this datasheet are just for reference. R10DS0183EJ0011 R10DS0183EJ0011 |
Similar Part No. - R1QMA7218AB |
|
Similar Description - R1QMA7218AB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |