Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64167NFB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F64167NFB
Description  RENESAS MCU
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64167NFB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F64167NFB Datasheet HTML 4Page - Renesas Technology Corp R5F64167NFB Datasheet HTML 5Page - Renesas Technology Corp R5F64167NFB Datasheet HTML 6Page - Renesas Technology Corp R5F64167NFB Datasheet HTML 7Page - Renesas Technology Corp R5F64167NFB Datasheet HTML 8Page - Renesas Technology Corp R5F64167NFB Datasheet HTML 9Page - Renesas Technology Corp R5F64167NFB Datasheet HTML 10Page - Renesas Technology Corp R5F64167NFB Datasheet HTML 11Page - Renesas Technology Corp R5F64167NFB Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
R01DS0063EJ0120 Rev.1.20
Page 8 of 95
Feb 6, 2013
R32C/116 Group
1. Overview
Figure 1.1
Part Numbering
Part Number
R5 F 64 16 9 H P XXX FD
Package Code
FB : PLQP0100KB-A
FD : PLQP0144KA-A
ROM Number
Omitted in the flash memory version
Memory Type
F : Flash memory version
R32C/116 Group
R32C/100 Series
ROM/RAM Capacity
5 : 384 KB/40 KB
6 : 512 KB/40 KB
7 : 640 KB/48 KB
8 : 768 KB/63 KB
9 : 1 MB/63 KB
Temperature Code
N : -20°C to 85°C
D : -40°C to 85°C
P : -40°C to 85°C
Rated Operating Frequency
H : 64 MHz (High speed version)
None : 50 MHz (Normal speed version)


Similar Part No. - R5F64167NFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64167NFB RENESAS-R5F64167NFB Datasheet
1Mb / 96P
   RENESAS MCU
R5F64167NFB RENESAS-R5F64167NFB Datasheet
798Kb / 98P
   RENESAS MCU
R5F64167NFB RENESAS-R5F64167NFB Datasheet
798Kb / 50P
   RENESAS MCU
More results

Similar Description - R5F64167NFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com