Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QJA3618CB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1QJA3618CB
Description  36-Mbit DDRII SRAM 2-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QJA3618CB Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1QJA3618CB Datasheet HTML 1Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 2Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 3Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 4Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 5Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 6Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 7Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 8Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
PAGE : 3
Rev. 0.09a : 2011.09.14
R1QHA36**CB* / R1QLA36**CB* Series
hinS=00000.0000.0000.0000.0000---
11111.1111.1111.1111.1111---
00000.0000.0000.0000.0000---
036M
533
500
450
400
375
333
333
300
250
200
1.875 2.00
2.22
2.50
2.66
3.00
3.00
3.30
4.00
5.00
yy
-19-20
-22-25
-27-30
-30
-33
-40-50
17
x18 R1Q A A36 18 C Bv- yy
18
x36 R1Q A A36 36 C Bv- yy
20
x18 R1Q B A36 18 C Bv- yy
21
x36 R1Q B A36 36 C Bv- yy
23
x18 R1Q C A36 18 C Bv- yy
24
x36 R1Q C A36 36 C Bv- yy
26
x18 R1Q D A36 18 C Bv- yy
27
x36 R1Q D A36 36 C Bv- yy
29
x18 R1Q E A36 18 C Bv- yy
30
x36 R1Q E A36 36 C Bv- yy
32
x18 R1Q F A36 18 C Bv- yy
33
x36 R1Q F A36 36 C Bv- yy
35
x18 R1Q G A36 18 C Bv- yy
36
x36 R1Q G A36 36 C Bv- yy
38
x18 R1Q H A36 18 C Bv- yy
39
x36 R1Q H A36 36 C Bv- yy
41
x18 R1Q J A36 18 C Bv- yy
42
x36 R1Q J A36 36 C Bv- yy
44
x18 R1Q K A36 18 C Bv- yy
45
x36 R1Q K A36 36 C Bv- yy
47
x18 R1Q L A36 18 C Bv- yy
48
x36 R1Q L A36 36 C Bv- yy
50
x18 R1Q M A36 18 C Bv- yy
51
x36 R1Q M A36 36 C Bv- yy
-25
-25
-25
-25
-25
-25
-20
-20
-22
-22
-20
-20
-20
-20
No
B4
DDRII+
QDRII+ B4
DDRII+
B2
B4
QDRII+ B4
QDRII+ B4
DDRII+
B2
B4
B4
B2
DDRII+
B4
QDRII+
-19
-19
B2
-19
-19
-19
-19
-22
-22
-22
-22
Frequency (max)
(MHz)
Cycle Time (min)
(ns)
Part Number
QDR II+ / DDR II+
QDR II / DDR II
Notes:
1. "yy" represents the speed bin. "R1QAA3636CBG-20" can operate at 500 MHz(max) of frequency, for example.
2. "v" represents the package size. If "v" = "G" then size is 15 x 17 mm, and if "v" = "A" then 13 x 15 mm.
3. The part which is not listed above is not supported, as of the day when this datasheet was issued,
in spite of the existence of the part number or datasheet.
36M QDR II+ / DDR II+ SRAM Lineup
- Renesas supports or plans to support the parts listed below.
R10DS0162EJ0009


Similar Part No. - R1QJA3618CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QJA3618CB RENESAS-R1QJA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QJA3618CB RENESAS-R1QJA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QJA3618CB RENESAS-R1QJA3618CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QJA3618CB RENESAS-R1QJA3618CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QJA3618CB RENESAS-R1QJA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QJA3618CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A3636B RENESAS-R1Q4A3636B Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBG RENESAS-R1QBA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB_15 Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB_15 Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com