Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QMA7236AB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1QMA7236AB
Description  72-Mbit DDRII SRAM 2-word Burst
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QMA7236AB Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1QMA7236AB Datasheet HTML 1Page - Renesas Technology Corp R1QMA7236AB Datasheet HTML 2Page - Renesas Technology Corp R1QMA7236AB Datasheet HTML 3Page - Renesas Technology Corp R1QMA7236AB Datasheet HTML 4Page - Renesas Technology Corp R1QMA7236AB Datasheet HTML 5Page - Renesas Technology Corp R1QMA7236AB Datasheet HTML 6Page - Renesas Technology Corp R1QMA7236AB Datasheet HTML 7Page - Renesas Technology Corp R1QMA7236AB Datasheet HTML 8Page - Renesas Technology Corp R1QMA7236AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
R1QBA72 / R1QEA72 Series
Rev. 0.11 : 2013.01.15
PAGE:4
R1Q4A7218 (Top) / R1QB(H)A7218 (Mid) / R1QE(L)A7218 (Bottom)
123456789
10
11
A
/CQ
SA
SA
R-/W
/BW1
/K
NC
/LD
SA
SA
CQ
B
NC
DQ9
NC
SA
NC
K
/BW0
SA
NC
NC
DQ8
C
NCNCNC
V
SS
SA
SA0
NC
NC
SA
V
SS
NC
DQ7
NC
D
NC
NC
DQ10
V
SS
V
SS
V
SS
V
SS
V
SS
NC
NC
NC
ENC
NC
DQ11
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
NC
NC
DQ6
F
NC
DQ12
NC
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
DQ5
G
NC
NC
DQ13
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
NC
H/DOFF
V
REF
V
DDQ
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
V
DDQ
V
REF
ZQ
J
NCNCNC
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
DQ4
NC
K
NC
NC
DQ14
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
DQ3
L
NC
DQ15
NC
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
NC
NC
DQ2
M
NCNCNC
V
SS
V
SS
V
SS
V
SS
V
SS
NC
DQ1
NC
N
NC
NC
DQ16
V
SS
SA
SA
SA
V
SS
NC
NC
NC
P
NC
NC
DQ17
SA
SA
C
QVLD
QVLD
SA
SA
NC
NC
DQ0
R
TDO
TCK
SASASA
/C
NC
ODT
SA
SA
SA
TMS
TDI
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
R1Q4A7236 (Top) / R1QB(H)A7236 (Mid) / R1QE(L)A7236 (Bottom)
123456789
10
11
A
/CQ
NC
SA
R-/W
/BW2
/K
/BW1
/LD
SA
SA
CQ
B
NC
DQ27
DQ18
SA
/BW3
K
/BW0
SA
NC
NC
DQ8
C
NC
NC
DQ28
V
SS
SA
SA0
NC
NC
SA
V
SS
NC
DQ17
DQ7
D
NC
DQ29
DQ19
V
SS
V
SS
V
SS
V
SS
V
SS
NC
NC
DQ16
E
NC
NC
DQ20
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
NC
DQ15
DQ6
F
NC
DQ30
DQ21
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
DQ5
G
NC
DQ31
DQ22
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
DQ14
H/DOFF
V
REF
V
DDQ
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
V
DDQ
V
REF
ZQ
J
NC
NC
DQ32
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
DQ13
DQ4
K
NC
NC
DQ23
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
DQ12
DQ3
L
NC
DQ33
DQ24
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
NC
NC
DQ2
MNC
NC
DQ34
V
SS
V
SS
V
SS
V
SS
V
SS
NC
DQ11
DQ1
N
NC
DQ35
DQ25
V
SS
SA
SA
SA
V
SS
NC
NC
DQ10
P
NC
NC
DQ26
SA
SA
C
QVLD
QVLD
SA
SA
NC
DQ9
DQ0
R
TDO
TCK
SASASA
/C
NC
ODT
SA
SA
SA
TMS
TDI
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
Pin Arrangement
Top
R1Q4A7236
Mid
R1QB(H)A7236
Bottom
R1QE(L)A7236
R10DS0170EJ0011


Similar Part No. - R1QMA7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QMA7236AB RENESAS-R1QMA7236AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1QMA7236AB RENESAS-R1QMA7236AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1QMA7236AB RENESAS-R1QMA7236AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QMA7236AB RENESAS-R1QMA7236AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QMA7236AB RENESAS-R1QMA7236AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QMA7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABG RENESAS-R1Q4A7236ABG Datasheet
840Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1QBA7236ABG RENESAS-R1QBA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABB RENESAS-R1QHA7236ABB_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1Q6A7236ABG RENESAS-R1Q6A7236ABG Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com