Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QBA3636CB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1QBA3636CB
Description  36-Mbit QDR II SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QBA3636CB Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1QBA3636CB Datasheet HTML 1Page - Renesas Technology Corp R1QBA3636CB Datasheet HTML 2Page - Renesas Technology Corp R1QBA3636CB Datasheet HTML 3Page - Renesas Technology Corp R1QBA3636CB Datasheet HTML 4Page - Renesas Technology Corp R1QBA3636CB Datasheet HTML 5Page - Renesas Technology Corp R1QBA3636CB Datasheet HTML 6Page - Renesas Technology Corp R1QBA3636CB Datasheet HTML 7Page - Renesas Technology Corp R1QBA3636CB Datasheet HTML 8Page - Renesas Technology Corp R1QBA3636CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
PAGE : 4
Rev. 0.10b : 2012.03.12
R1QGA36**C / R1QKA36**C Series
R1Q3A3618 (Top) / R1QA(G)A3618 (Mid) / R1QD(K)A3618 (Bottom)
11
10
9
8
7
6
5
4
3
2
1
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
TDI
Q0
D1
D2
Q2
Q3
D4
ZQ
D5
Q5
Q6
D7
D8
Q8
CQ
TMS
D0
NC
Q1
NC
D3
Q4
V
REF
NC
NC
D6
NC
Q7
NC
NC
SA
NC
NC
NC
NC
NC
NC
V
DDQ
NC
NC
NC
NC
NC
NC
SA
SA
SA
V
SS
V
SS
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
SS
V
SS
SA
/R
SA
SA
SA
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
SS
V
SS
SA
/BW0
NC
/C
NC
ODT
C
QVLD
QVLD
SA
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
NC
K
/K
SA
SA
SA
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
SS
V
SS
SA
NC
/BW1
SA
SA
V
SS
V
SS
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
SS
V
SS
SA
/W
SA
Q17
Q16
D16
D15
Q14
D14
V
DDQ
Q13
D12
Q11
Q10
D10
D9
SA
TCK
NC
D17
NC
Q15
NC
NC
V
REF
D13
Q12
NC
D11
NC
Q9
NC
TDO
NC
NC
NC
NC
NC
NC
/DOFF
NC
NC
NC
NC
NC
NC
/CQ
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
R1Q3A3636 (Top) / R1QA(G)A3636 (Mid) / R1QD(K)A3636 (Bottom)
11
10
9
8
7
6
5
4
3
2
1
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
TDI
Q0
D1
D2
Q2
Q3
D4
ZQ
D5
Q5
Q6
D7
D8
Q8
CQ
TMS
D0
D9
Q1
Q11
D3
Q4
V
REF
D13
Q14
D6
D15
Q7
Q17
NC
SA
Q9
Q10
D10
D11
Q12
D12
V
DDQ
Q13
D14
Q15
Q16
D16
D17
SA
SA
SA
V
SS
V
SS
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
SS
V
SS
SA
/R
SA
SA
SA
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
SS
V
SS
SA
/BW0
/BW1
/C
NC
ODT
C
QVLD
QVLD
SA
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
NC
K
/K
SA
SA
SA
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
SS
V
SS
SA
/BW3
/BW2
SA
SA
V
SS
V
SS
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
SS
V
SS
SA
/W
SA
Q26
Q25
D25
D24
Q23
D23
V
DDQ
Q22
D21
Q20
Q19
D19
D18
NC
TCK
D35
D26
Q34
Q24
D32
Q31
V
REF
D22
Q21
D29
D20
Q28
Q18
NC
TDO
Q35
D34
D33
Q33
Q32
D31
/DOFF
D30
Q30
Q29
D28
D27
Q27
/CQ
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
Pin Arrangement
36---
Top
R1Q3A3636
Mid
R1QA(G)A3636
Bottom
R1QD(K)A3636
R10DS0195EJ0010


Similar Part No. - R1QBA3636CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QBA3636CB RENESAS-R1QBA3636CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QBA3636CB RENESAS-R1QBA3636CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QBA3636CB RENESAS-R1QBA3636CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CB RENESAS-R1QBA3636CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CB RENESAS-R1QBA3636CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
More results

Similar Description - R1QBA3636CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
logo
Renesas Technology Corp
R1Q3A3636 RENESAS-R1Q3A3636 Datasheet
1Mb / 26P
   36-Mbit QDR™II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA Datasheet
860Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst
Jan. 13, 2015
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18_09 Datasheet
732Kb / 30P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com