Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1Q6A4418RBG Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1Q6A4418RBG
Description  144-Mbit DDRII SRAM 2-word Burst
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q6A4418RBG Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1Q6A4418RBG Datasheet HTML 5Page - Renesas Technology Corp R1Q6A4418RBG Datasheet HTML 6Page - Renesas Technology Corp R1Q6A4418RBG Datasheet HTML 7Page - Renesas Technology Corp R1Q6A4418RBG Datasheet HTML 8Page - Renesas Technology Corp R1Q6A4418RBG Datasheet HTML 9Page - Renesas Technology Corp R1Q6A4418RBG Datasheet HTML 10Page - Renesas Technology Corp R1Q6A4418RBG Datasheet HTML 11Page - Renesas Technology Corp R1Q6A4418RBG Datasheet HTML 12Page - Renesas Technology Corp R1Q6A4418RBG Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
PAGE : ‹#›
Rev. 0.11b : 2012.06.05
R1QBA44**RBG / R1QEA44**RBG Series (Preliminary)
hinS=00000.0000.0000.0000.0000---
00000.0000.0000.0000.0000---11111.1111.1111.1111.1111---
144M
Status
Power Up &
Unstable Stage
NOP &
Set-up Stage
Normal
Operation
V
DD
SET-UP Cycle
V
DDQ
V
REF
/DOFF
2. Double clock mode
K, /K
Fix High (=Vddq)
C, /C
Status
Power Up &
Unstable Stage
NOP &
Set-up Stage
Normal
Operation
V
DD
SET-UP Cycle
V
DDQ
V
REF
/DOFF
1. Single clock mode (C and /C pins fixed High)
K, /K
Fix High (=Vddq)
General Description
Power-up and Initialization Sequence
-V
DD must be stable before K, /K clocks are applied.
- Recommended voltage application sequence : V
SS
V
DD
V
DDQ & VREF
V
IN. (0 V to VDD, VDDQ < 200 ms)
- Apply V
REF after VDDQ or at the same time as VDDQ.
- Then execute either one of the following three sequences.
1. Single Clock Mode (C and /C tied high)
- Drive /DOFF high (/DOFF can be tied high from the start).
- Then provide stable clocks (K, /K) for at least 20 us.
2. Double Clock Mode (C and /C control outputs) (II series only)
- Drive /DOFF high (/DOFF can be tied high from the start)
- Then provide stable clocks (K, /K , C, /C) for at least 20 us.
3. DLL/PLL Off Mode (/DOFF tied low)
- In the "NOP and setup stage", provide stable clocks (K, /K) for at least 20 us.
R10DS0189EJ0011


Similar Part No. - R1Q6A4418RBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q6A3609ABG40RB0 RENESAS-R1Q6A3609ABG40RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q6A3609ABG40RS0 RENESAS-R1Q6A3609ABG40RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q6A3609ABG40RT0 RENESAS-R1Q6A3609ABG40RT0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q6A3609ABG50RB0 RENESAS-R1Q6A3609ABG50RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q6A3609ABG50RS0 RENESAS-R1Q6A3609ABG50RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
More results

Similar Description - R1Q6A4418RBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A3636B RENESAS-R1Q4A3636B Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBG RENESAS-R1QBA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBG RENESAS-R1QHA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABG RENESAS-R1Q4A7236ABG Datasheet
840Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com