Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1QKA3618CBG Datasheet HTML 1Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 2Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 3Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 4Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 5Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 6Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 7Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 8Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
PAGE : 5
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
R1Q3A3609 (Top) / R1QA(G)A3609 (Mid) / R1QD(K)A3609 (Bottom)
11
10
9
8
7
6
5
4
3
2
1
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
TDI
Q0
NC
D1
Q1
NC
D2
ZQ
NC
NC
Q3
NC
D4
Q4
CQ
TMS
D0
NC
NC
NC
NC
Q2
V
REF
NC
NC
D3
NC
NC
NC
SA
SA
NC
NC
NC
NC
NC
NC
V
DDQ
NC
NC
NC
NC
NC
NC
SA
SA
SA
V
SS
V
SS
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
SS
V
SS
SA
/R
SA
SA
SA
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
SS
V
SS
SA
/BW
NC
/C
NC
ODT
C
QVLD
QVLD
SA
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
NC
K
/K
SA
SA
SA
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
SS
V
SS
SA
NC
NC
SA
SA
V
SS
V
SS
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
SS
V
SS
SA
/W
SA
Q8
NC
NC
D7
NC
NC
V
DDQ
Q6
NC
Q5
NC
NC
NC
SA
TCK
NC
D8
NC
Q7
NC
NC
V
REF
D6
NC
NC
D5
NC
NC
NC
TDO
NC
NC
NC
NC
NC
NC
/DOFF
NC
NC
NC
NC
NC
NC
/CQ
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
Pin Arrangement
36---
Just Reference
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com