Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QGA3618CBB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R1QGA3618CBB
Description  36-Mbit QDR II SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QGA3618CBB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1QGA3618CBB Datasheet HTML 2Page - Renesas Technology Corp R1QGA3618CBB Datasheet HTML 3Page - Renesas Technology Corp R1QGA3618CBB Datasheet HTML 4Page - Renesas Technology Corp R1QGA3618CBB Datasheet HTML 5Page - Renesas Technology Corp R1QGA3618CBB Datasheet HTML 6Page - Renesas Technology Corp R1QGA3618CBB Datasheet HTML 7Page - Renesas Technology Corp R1QGA3618CBB Datasheet HTML 8Page - Renesas Technology Corp R1QGA3618CBB Datasheet HTML 9Page - Renesas Technology Corp R1QGA3618CBB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
PAGE : 6
Rev. 0.10b : 2012.03.12
R1QGA36**C / R1QKA36**C Series
Notes:
1. R1Q2, R1Q3, R1Q4, R1Q5, R1Q6 series have C and /C pins. R1QA, R1QB, R1QC, R1QD,
R1QE, R1QF, R1QG, R1QH, R1QJ, R1QK, R1QL, R1QM, R1QN, R1QP series do not have C,
/C pins. In the series, K and /K are used as the output reference clocks instead of C and /C.
Therefore, hereafter, C and /C represent K and /K in this document.
Pin Descriptions
1
Notes
IEEE1149.1 clock input: 1.8 V I/O levels. This ball must be tied to V
SS if
the JTAG function is not used in the circuit.
Input
TCK
IEEE1149.1 test inputs: 1.8 V I/O levels. These balls may be left not
connected if the JTAG function is not used in the circuit.
Input
TMS
TDI
DLL/PLL disable: When low, this input causes the DLL/PLL to be
bypassed for stable, low frequency operation.
Input
/DOFF
Output clock: This clock pair provides a user-controlled means of tuning
device output data. The rising edge of /C is used as the output timing
reference for the first and third output data. The rising edge of C is used
as the output timing reference for second and fourth output data. Ideally,
/C is 180 degrees out of phase with C. C and /C may be tied high to
force the use of K and /K as the output reference clocks instead of having
to provide C and /C clocks. If tied high, C and /C must remain high and
not to be toggled during device operation. These balls cannot remain
V
REF level.
Input
C, /C
(II only)
Input clock: This input clock pair registers address and control inputs on
the rising edge of K, and registers data on the rising edge of K and the
rising edge of /K. /K is ideally 180 degrees out of phase with K. All
synchronous inputs must meet setup and hold times around the clock
rising edges. These balls cannot remain V
REF level.
Input
K, /K
Synchronous byte writes: When low, these inputs cause their respective
byte to be registered and written during WRITE cycles. These signals
are sampled on the same edge as the corresponding data and must meet
setup and hold times around the rising edges of K and /K for each of the
two rising edges comprising the WRITE cycle. See Byte Write Truth
Table for signal to data relationship.
Input
/BW
x
Synchronous write: When low, this input causes the address inputs to be
registered and a WRITE cycle to be initiated. This input must meet setup
and hold times around the rising edge of K, and is ignored on the
subsequent rising edge of K.
Input
/W
Synchronous read: When low, this input causes the address inputs to be
registered and a READ cycle to be initiated. This input must meet setup
and hold times around the rising edge of K, and is ignored on the
subsequent rising edge of K.
Input
/R
Synchronous address inputs: These inputs are registered and must meet
the setup and hold times around the rising edge of K. All transactions
operate on a burst-of-four words (two clock periods of bus activity).
These inputs are ignored when device is deselected.
Input
SA
Descriptions
I/O type
Name
hinS=11000.1100.1100.1100.1100
---11000.1100.1100.1100.1100---
11000.1100.1100.1100.1100---
QDR
R10DS0195EJ0010


Similar Part No. - R1QGA3618CBB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QGA3618CB RENESAS-R1QGA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QGA3618CB RENESAS-R1QGA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QGA3618CB RENESAS-R1QGA3618CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QGA3618CB RENESAS-R1QGA3618CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QGA3618CB RENESAS-R1QGA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
More results

Similar Description - R1QGA3618CBB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
logo
Renesas Technology Corp
R1Q3A3636 RENESAS-R1Q3A3636 Datasheet
1Mb / 26P
   36-Mbit QDR™II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA Datasheet
860Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst
Jan. 13, 2015
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18_09 Datasheet
732Kb / 30P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com