Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA76639P3 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # HUFA76639P3
Description  50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76639P3 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button HUFA76639P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA76639P3, HUFA76639S3S Rev. B
SPICE Thermal Model
REV 26 July 1999
HUFA76639T
CTHERM1 th 6 3.2e-3
CTHERM2 6 5 8.5e-3
CTHERM3 5 4 1.2e-2
CTHERM4 4 3 1.6e-2
CTHERM5 3 2 5.5e-2
CTHERM6 2 tl 1.5
RTHERM1 th 6 8.0e-3
RTHERM2 6 5 6.8e-2
RTHERM3 5 4 9.2e-2
RTHERM4 4 3 2.0e-1
RTHERM5 3 2 2.4e-1
RTHERM6 2 tl 5.2e-2
SABER Thermal Model
SABER thermal model HUFA76639T
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 = 3.2e-3
ctherm.ctherm2 6 5 = 8.5e-3
ctherm.ctherm3 5 4 = 1.2e-2
ctherm.ctherm4 4 3 = 1.6e-2
ctherm.ctherm5 3 2 = 5.5e-2
ctherm.ctherm6 2 tl = 1.5
rtherm.rtherm1 th 6 = 8.0e-3
rtherm.rtherm2 6 5 = 6.8e-2
rtherm.rtherm3 5 4 = 9.2e-2
rtherm.rtherm4 4 3 = 2.0e-1
rtherm.rtherm5 3 2 = 2.4e-1
rtherm.rtherm6 2 tl = 5.2e-2
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE
HUFA76639P3, HUFA76639S3S


Similar Part No. - HUFA76639P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76633P3 FAIRCHILD-HUFA76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76633S3S FAIRCHILD-HUFA76633S3S Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUFA76639P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76639P3 FAIRCHILD-HUF76639P3 Datasheet
218Kb / 10P
   50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76639P3 INTERSIL-HUF76639P3 Datasheet
110Kb / 9P
   50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76633P3 FAIRCHILD-HUF76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76619D3 INTERSIL-HUF76619D3 Datasheet
108Kb / 9P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com