Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QFA3636CB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1QFA3636CB
Description  36-Mbit DDRII SRAM 2-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QFA3636CB Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1QFA3636CB Datasheet HTML 1Page - Renesas Technology Corp R1QFA3636CB Datasheet HTML 2Page - Renesas Technology Corp R1QFA3636CB Datasheet HTML 3Page - Renesas Technology Corp R1QFA3636CB Datasheet HTML 4Page - Renesas Technology Corp R1QFA3636CB Datasheet HTML 5Page - Renesas Technology Corp R1QFA3636CB Datasheet HTML 6Page - Renesas Technology Corp R1QFA3636CB Datasheet HTML 7Page - Renesas Technology Corp R1QFA3636CB Datasheet HTML 8Page - Renesas Technology Corp R1QFA3636CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
PAGE : 4
Rev. 0.09a : 2011.09.14
R1QBA36**CB* / R1QEA36**CB* Series
R1Q4A3618 (Top) / R1QB(H)A3618 (Mid) / R1QE(L)A3618 (Bottom)
11
10
9
8
7
6
5
4
3
2
1
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
TDI
DQ0
NC
NC
DQ2
DQ3
NC
ZQ
NC
DQ5
DQ6
NC
NC
DQ8
CQ
TMS
NC
NC
DQ1
NC
NC
DQ4
V
REF
NC
NC
NC
NC
DQ7
NC
SA
SA
NC
NC
NC
NC
NC
NC
V
DDQ
NC
NC
NC
NC
NC
NC
SA
SA
SA
V
SS
V
SS
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
SS
V
SS
SA
/LD
SA
SA
SA
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
SS
V
SS
SA
/BW0
NC
/C
NC
ODT
C
QVLD
QVLD
SA
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
SA0
NC
NC
K
/K
SA
SA
SA
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
SS
V
SS
SA
NC
/BW1
SA
SA
V
SS
V
SS
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
SS
V
SS
SA
R-/W
SA
DQ17
DQ16
NC
NC
DQ14
NC
V
DDQ
DQ13
NC
DQ11
DQ10
NC
NC
SA
TCK
NC
NC
NC
DQ15
NC
NC
V
REF
NC
DQ12
NC
NC
NC
DQ9
NC
TDO
NC
NC
NC
NC
NC
NC
/DOFF
NC
NC
NC
NC
NC
NC
/CQ
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
R1Q4A3636 (Top) / R1QB(H)A3636 (Mid) / R1QE(L)A3636 (Bottom)
11
10
9
8
7
6
5
4
3
2
1
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
TDI
DQ0
DQ10
DQ1
DQ2
DQ3
DQ4
ZQ
DQ14
DQ5
DQ6
DQ16
DQ7
DQ8
CQ
TMS
DQ9
NC
DQ11
NC
DQ12
DQ13
V
REF
NC
NC
DQ15
NC
DQ17
NC
NC
SA
NC
NC
NC
NC
NC
NC
V
DDQ
NC
NC
NC
NC
NC
NC
SA
SA
SA
V
SS
V
SS
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
SS
V
SS
SA
/LD
SA
SA
SA
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
SS
V
SS
SA
/BW0
/BW1
/C
NC
ODT
C
QVLD
QVLD
SA
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
SA0
NC
NC
K
/K
SA
SA
SA
V
SS
V
SS
V
DD
V
DD
V
DD
V
DD
V
DD
V
SS
V
SS
SA
/BW3
/BW2
SA
SA
V
SS
V
SS
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
SS
V
SS
SA
R-/W
SA
DQ26
DQ25
DQ34
DQ24
DQ23
DQ32
V
DDQ
DQ22
DQ21
DQ20
DQ19
DQ28
DQ18
SA
TCK
NC
DQ35
NC
DQ33
NC
NC
V
REF
DQ31
DQ30
NC
DQ29
NC
DQ27
NC
TDO
NC
NC
NC
NC
NC
NC
/DOFF
NC
NC
NC
NC
NC
NC
/CQ
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
Pin Arrangement
Top
R1Q4A3636
Mid
R1QB(H)A3636
Bottom
R1QE(L)A3636
R10DS0159EJ0009


Similar Part No. - R1QFA3636CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QFA3636CB RENESAS-R1QFA3636CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QFA3636CB RENESAS-R1QFA3636CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QFA3636CB RENESAS-R1QFA3636CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QFA3636CB RENESAS-R1QFA3636CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QFA3636CB RENESAS-R1QFA3636CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
More results

Similar Description - R1QFA3636CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A3636B RENESAS-R1Q4A3636B Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBG RENESAS-R1QHA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB_15 Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB_15 Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com