Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QEA3618CB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R1QEA3618CB
Description  36-Mbit DDRII SRAM 2-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QEA3618CB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R1QEA3618CB Datasheet HTML 7Page - Renesas Technology Corp R1QEA3618CB Datasheet HTML 8Page - Renesas Technology Corp R1QEA3618CB Datasheet HTML 9Page - Renesas Technology Corp R1QEA3618CB Datasheet HTML 10Page - Renesas Technology Corp R1QEA3618CB Datasheet HTML 11Page - Renesas Technology Corp R1QEA3618CB Datasheet HTML 12Page - Renesas Technology Corp R1QEA3618CB Datasheet HTML 13Page - Renesas Technology Corp R1QEA3618CB Datasheet HTML 14Page - Renesas Technology Corp R1QEA3618CB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
PAGE : 11
Rev. 0.10b : 2012.03.12
R1QBA36**C / R1QEA36**C Series
IIP
QVLD (Valid data indicator)
(R1QA, R1QB, R1QC, R1QD, R1QE, R1QF, R1QG, R1QH, R1QJ, R1QK, R1QL, R1QM
R1QN, R1QP series)
1. QVLD is provided on the QDR-II+ and DDR-II+ to simplify data capture on high speed systems. The Q
Valid indicates valid output data. QVLD is activated half cycle before the read data for the receiver to be
ready for capturing the data. QVLD is inactivated half cycle before the read finish for the receiver to stop
capturing the data. QVLD is edge aligned with CQ and /CQ.
6
-
3
(ODT disable)
0.6
RQ
Floating
2, 5
0.6
RQ
0.6
RQ
High
Thevenin equivalent resistance (R
THEV)
Unit
ODT range
(ODT disable)
Option 2
Notes:
1. Allowable range of RQ for Option 1 to guarantee impedance matching a tolerance of
20 % is
175
RQ
350
.
2. Allowable range of RQ to guarantee impedance matching a tolerance of
20 % is
175
RQ
250
.
3. Allowable range of RQ for Option 1 to guarantee impedance matching a tolerance of
20 % is
175
RQ
250
.
4. At option 1, ODT control pin is connected to V
DDQ through 3.5 k
. Therefore it is recommended
to connect it to V
SS through less than 100
to make it low.
5. At option 2, ODT control pin is connected to V
SS through 3.5 k
. Therefore it is recommended to
connect it to
V
DDQ through less than 100
to make it high.
6. Renesas status: Option 1 = Available, Option 2 = Possible. If you need devices with option 2,
please contact Renesas sales office.
1, 4
0.3
RQ
Low
Notes
Option 1
ODT control pin
ODT (On Die Termination)
(R1QD, R1QE, R1QF, R1QK, R1QL, R1QM, R1QP series)
1. To reduce reflection which produces noise and lowers signal quality, the signals should be terminated,
especially at high frequency. Renesas offers ODT on the input signals to QDR-II+ and DDR-II+ family of
devices. (See the ODT pin table)
2. In ODT enable devices, the ODT termination values tracks the value of RQ. The ODT range is selected by
ODT control input. (See the ODT range table)
3. In DDR-II+ devices having common I/O bus, ODT is automatically enabled when the device inputs data
and disabled when the device outputs data.
4. There is no difference in AC timing characteristics between the SRAMs with ODT and SRAMs without
ODT.
5. There is no increase in the I
DD of SRAMs with ODT, however, there is an increase in the IDDQ (current
consumption from the I/O voltage supply) with ODT.
R10DS0193EJ0010


Similar Part No. - R1QEA3618CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QEA3618CB RENESAS-R1QEA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QEA3618CB RENESAS-R1QEA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QEA3618CB RENESAS-R1QEA3618CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QEA3618CB RENESAS-R1QEA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QEA3618CB RENESAS-R1QEA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
More results

Similar Description - R1QEA3618CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A3636B RENESAS-R1Q4A3636B Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBG RENESAS-R1QBA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBG RENESAS-R1QHA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB_15 Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB_15 Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com