Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QDA7236AB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1QDA7236AB
Description  72-Mbit QDR SRAM 2-word Burst
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QDA7236AB Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1QDA7236AB Datasheet HTML 1Page - Renesas Technology Corp R1QDA7236AB Datasheet HTML 2Page - Renesas Technology Corp R1QDA7236AB Datasheet HTML 3Page - Renesas Technology Corp R1QDA7236AB Datasheet HTML 4Page - Renesas Technology Corp R1QDA7236AB Datasheet HTML 5Page - Renesas Technology Corp R1QDA7236AB Datasheet HTML 6Page - Renesas Technology Corp R1QDA7236AB Datasheet HTML 7Page - Renesas Technology Corp R1QDA7236AB Datasheet HTML 8Page - Renesas Technology Corp R1QDA7236AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Rev. 0.11 : 2013.01.15
R1Q2A7236ABB / R1Q2A7218ABB / R1Q2A7209ABB Series
PAGE:4
R1Q2A7218 series
123456789
10
11
A
/CQ
NC
SA
/W
/BW1
/K
NC
/R
SA
SA
CQ
B
NC
Q9
D9
SA
NC
K
/BW0
SA
NC
NC
Q8
CNC
NC
D10
V
SS
SA
SA
SA
V
SS
NC
Q7
D8
D
NC
D11
Q10
V
SS
V
SS
V
SS
V
SS
V
SS
NC
NC
D7
ENC
NC
Q11
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
NC
D6
Q6
F
NC
Q12
D12
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
Q5
G
NC
D13
Q13
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
D5
H/DOFF
V
REF
V
DDQ
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
V
DDQ
V
REF
ZQ
JNC
NC
D14
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
Q4
D4
K
NC
NC
Q14
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
D3
Q3
L
NC
Q15
D15
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
NC
NC
Q2
MNC
NC
D16
V
SS
V
SS
V
SS
V
SS
V
SS
NC
Q1
D2
N
NC
D17
Q16
V
SS
SA
SA
SA
V
SS
NC
NC
D1
P
NC
NC
Q17
SA
SA
C
SA
SA
NC
D0
Q0
R
TDO
TCK
SASASA
/C
SASASA
TMS
TDI
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
R1Q2A7236 series
123456789
10
11
A
/CQ
NC
SA
/W
/BW2
/K
/BW1
/R
SA
NC
CQ
B
Q27
Q18
D18
SA
/BW3
K
/BW0
SA
D17
Q17
Q8
C
D27
Q28
D19
V
SS
SA
SA
SA
V
SS
D16
Q7
D8
D
D28
D20
Q19
V
SS
V
SS
V
SS
V
SS
V
SS
Q16
D15
D7
E
Q29
D29
Q20
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
Q15
D6
Q6
F
Q30
Q21
D21
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
D14
Q14
Q5
G
D30
D22
Q22
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
Q13
D13
D5
H/DOFF
V
REF
V
DDQ
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
V
DDQ
V
REF
ZQ
J
D31
Q31
D23
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
D12
Q4
D4
K
Q32
D32
Q23
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
Q12
D3
Q3
L
Q33
Q24
D24
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
D11
Q11
Q2
M
D33
Q34
D25
V
SS
V
SS
V
SS
V
SS
V
SS
D10
Q1
D2
N
D34
D26
Q25
V
SS
SA
SA
SA
V
SS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
C
SA
SA
Q9
D0
Q0
R
TDO
TCK
SASASA
/C
SASASA
TMS
TDI
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
Pin Arrangement
R10DS0164EJ0011


Similar Part No. - R1QDA7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QDA7236AB RENESAS-R1QDA7236AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1QDA7236AB RENESAS-R1QDA7236AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QDA7236AB RENESAS-R1QDA7236AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QDA7236AB RENESAS-R1QDA7236AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
R1QDA7236AB RENESAS-R1QDA7236AB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QDA7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
logo
Renesas Technology Corp
R1Q2A7236ABG RENESAS-R1Q2A7236ABG Datasheet
824Kb / 36P
   72-Mbit QDR™II SRAM 2-word Burst
2013.01.15
logo
Cypress Semiconductor
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com