Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRB50M Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # DRB50M
Description  Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

DRB50M Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  DRB50M Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. DRB50M Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
FIG. 1 –最大正向平均电流降额
FIG. 2 –最大非重复正向浪涌电流
FIG. 1 –MAXIMUM AVERAGE FORWARD CURRENT
FIG. 2 –MAXIMUM NON-REPETITIVE
DERATING
FORWARD SURGE CURRENT
FIG. 3 –脉冲波形
FIG. 4–正向特性曲线(典型)
FIG. 3 – PULSE WAVEFORM
FIG.4 – TYPICA FORWARD CHARACTERISTICS
FIG.5–脉冲额定曲线
FIG.5–PULSE RATING CURVE
DRB50L THRU DRB50H
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - DRB50M

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DRB50-12-1 RSG-DRB50-12-1 Datasheet
1Mb / 5P
   15W to 100W Single Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DRB50-12-1 TDK-DRB50-12-1 Datasheet
128Kb / 2P
   AC-DC Power Supplies
June 07, 2022
DRB50-15-1 TDK-DRB50-15-1 Datasheet
128Kb / 2P
   AC-DC Power Supplies
June 07, 2022
logo
RSG Electronic Componen...
DRB50-24-1 RSG-DRB50-24-1 Datasheet
1Mb / 5P
   15W to 100W Single Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DRB50-24-1 TDK-DRB50-24-1 Datasheet
128Kb / 2P
   AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DRB50M

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
ZQ5000 GXELECTRONICS-ZQ5000 Datasheet
498Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ZQB50L GXELECTRONICS-ZQB50L Datasheet
505Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DR3500 GXELECTRONICS-DR3500 Datasheet
538Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DRB35L GXELECTRONICS-DRB35L Datasheet
535Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
AR5000 GXELECTRONICS-AR5000 Datasheet
508Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SCB35L GXELECTRONICS-SCB35L Datasheet
511Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DR5000 GXELECTRONICS-DR5000 Datasheet
532Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
AR3500 GXELECTRONICS-AR3500 Datasheet
509Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SC35A GXELECTRONICS-SC35A Datasheet
494Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SCB50L GXELECTRONICS-SCB50L Datasheet
500Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
AR2500 GXELECTRONICS-AR2500 Datasheet
489Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com