Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA76629D3 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HUFA76629D3
Description  20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76629D3 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HUFA76629D3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA76629D3, HUFA76629D3S Rev. B
HUFA76629D3, HUFA76629D3S
20A, 100V, 0.054 Ohm, N-Channel, Logic
Level UltraFET® Power MOSFET
Packaging
Symbol
Features
• Ultra Low On-Resistance
-rDS(ON) = 0.052Ω, VGS = 10V
-rDS(ON) = 0.054Ω, VGS = 5V
• Simulation Models
- Temperature Compensated PSPICE® and SABER™
Electriecal Models
- Spice and SABER Thermal Impedance Models
- www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Switching Time vs RGS Curves
Ordering Information
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a copy
of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems certification.
JEDEC TO-251AA
JEDEC TO-252AA
DRAIN
(FLANGE)
DRAIN
SOURCE
GATE
HUFA76629D3
GATE
SOURCE
DRAIN
(FLANGE)
HUFA76629D3S
D
G
S
PART NUMBER
PACKAGE
BRAND
HUFA76629D3
TO-251AA
76629D
HUFA76629D3S
TO-252AA
76629D
NOTE: When ordering, use the entire part number. Add the suffix T
to obtain the variant in tape and reel, e.g., HUFA76629D3ST.
HUFA76629D3, HUFA76629D3S
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
100
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
100
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±16
V
Drain Current
Continuous (TC = 25
oC, V
GS = 5V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 25
oC, V
GS = 10V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 100
oC, V
GS = 5V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 100
oC, V
GS = 4.5V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
20
20
20
20
Figure 4
A
A
A
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . UIS
Figures 6, 17, 18
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
0.74
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief TB334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
NOTES:
1. TJ = 25
oC to 150oC.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Data Sheet
January 2002


Similar Part No. - HUFA76629D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76609D3 FAIRCHILD-HUFA76609D3 Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
VBsemi Electronics Co.,...
HUFA76609D3 VBSEMI-HUFA76609D3 Datasheet
1Mb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
HUFA76609D3S FAIRCHILD-HUFA76609D3S Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76619D3 FAIRCHILD-HUFA76619D3 Datasheet
215Kb / 10P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76619D3S FAIRCHILD-HUFA76619D3S Datasheet
215Kb / 10P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUFA76629D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76419D3 FAIRCHILD-HUF76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76419D3 INTERSIL-HUF76419D3 Datasheet
332Kb / 9P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76413D3 INTERSIL-HUF76413D3 Datasheet
105Kb / 9P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76423D3 INTERSIL-HUF76423D3 Datasheet
127Kb / 9P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76633P3 FAIRCHILD-HUF76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com