Electronic Components Datasheet Search |
|
AGLN030V5-ZVQG81YI Datasheet(PDF) 3 Page - Microsemi Corporation |
|
AGLN030V5-ZVQG81YI Datasheet(HTML) 3 Page - Microsemi Corporation |
3 / 150 page IGLOO nano Low Power Flash FPGAs Revision 17 III IGLOO nano Ordering Information Devices Not Recommended For New Designs AGLN015, AGLN030Z, AGLN060Z, AGLN125Z, and AGLN250Z are not recommended for new designs. Device Marking Microsemi normally topside marks the full ordering part number on each device. There are some exceptions to this, such as some of the Z feature grade nano devices, the V2 designator for IGLOO devices, and packages where space is physically limited. Packages that have limited characters available are UC36, UC81, CS81, QN48, QN68, and QFN132. On these specific packages, a subset of the device marking will be used that includes the required legal information and as much of the part number as allowed by character limitation of the device. In this case, devices will have a truncated device marking and may exclude the applications markings, such as the I designator for Industrial Devices or the ES designator for Engineering Samples. Notes: 1. Z-feature grade devices AGLN060Z, AGLN125Z, and AGLN250Z do not support the enhanced nano features of Schmitt Trigger input, bus hold (hold previous I/O state in Flash*Freeze mode), cold-sparing, hot-swap I/O capability and 1.2 V programming. The AGLN030 Z feature grade does not support Schmitt trigger input, bus hold and 1.2 V programming. For the VQ100, CS81, UC81, QN68, and QN48 packages, the Z feature grade and the N part number are not marked on the device. Z feature grade devices are not recommended for new designs. 2. AGLN030 is available in the Z feature grade only. 3. Marking Information: IGLOO nano V2 devices do not have a V2 marking, but IGLOO nano V5 devices are marked with a V5 designator. AGLN010 = 10,000 System Gates AGLN015 = 15,000 System Gates (AGLN015 is not recommended for new designs) AGLN020 = 20,000 System Gates AGLN030 = 30,000 System Gates AGLN060 = 60,000 System Gates AGLN125 = 125,000 System Gates AGLN250 = 250,000 System Gates Blank = Standard Z = nano devices without enhanced features1 Supply Voltage 2 = 1.2 V to 1.5 V 5 = 1.5 V only AGLN250 V2 Z VQ _ Part Number IGLOO nano Devices Package Type VQ = Very Thin Quad Flat Pack (0.5 mm pitch) DIELOT = Known Good Die QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitches) 100 I Y Package Lead Count G Lead-Free Packaging Application (Temperature Range) Blank = Enhanced Commercial ( –20°C to +85°C Junction Temperature) I = Industrial ( –40°C to +100°C Junction Temperature) Blank = Standard Packaging G= RoHS-Compliant Packaging PP = Pre-Production ES = Engineering Sample (Room Temperature Only) CS = Chip Scale Package (0.5 mm pitch) UC = Micro Chip Scale Package (0.4 mm pitch) Security Feature Y = Device Includes License to Implement IP Based on the Cryptography Research, Inc. (CRI) Patent Portfolio Blank = Device Does Not Include License to Implement IP Based on the Cryptography Research, Inc. (CRI) Patent Portfolio |
Similar Part No. - AGLN030V5-ZVQG81YI |
|
Similar Description - AGLN030V5-ZVQG81YI |