Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3220WARZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM3220WARZ
Description  Isolated, 4 A Dual-Channel Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3220WARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM3220WARZ Datasheet HTML 7Page - Analog Devices ADuM3220WARZ Datasheet HTML 8Page - Analog Devices ADuM3220WARZ Datasheet HTML 9Page - Analog Devices ADuM3220WARZ Datasheet HTML 10Page - Analog Devices ADuM3220WARZ Datasheet HTML 11Page - Analog Devices ADuM3220WARZ Datasheet HTML 12Page - Analog Devices ADuM3220WARZ Datasheet HTML 13Page - Analog Devices ADuM3220WARZ Datasheet HTML 14Page - Analog Devices ADuM3220WARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADuM3220/ADuM3221
Rev. C | Page 11 of 16
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
4
6
8
10
12
14
16
18
OUTPUT SUPPLY VOLTAGE (V)
VOUT SOURCE RESISTANCE
VOUT SINK RESISTANCE
Figure 17. Typical Output Source Resistance vs. Output Supply Voltage
0
1
2
3
4
5
6
7
8
4
6
8
10
12
14
16
18
OUTPUT SUPPLY VOLTAGE (V)
SOURCE IOUT
SINK IOUT
Figure 18. Typical Maximum Source/Sink Current vs. Output Supply Voltage


Similar Part No. - ADuM3220WARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220WARZ AD-ADUM3220WARZ Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
ADUM3220WARZ-RL7 AD-ADUM3220WARZ-RL7 Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
More results

Similar Description - ADuM3220WARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
   Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
Texas Instruments
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
[Old version datasheet]   Isolated Dual-Channel Gate Driver
logo
Analog Devices
ADUM3220 AD-ADUM3220 Datasheet
664Kb / 16P
   4 A Dual-Channel Gate Driver
REV. 0
logo
SHENZHEN BASIC SEMICOND...
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
   Dual-Channel Isolated Gate Driver
Rev.0.0
logo
Texas Instruments
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com