Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG508AKPZ1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG508AKPZ1
Description  CMOS 4-/8-Channel Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG508AKPZ1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG508AKPZ1 Datasheet HTML 7Page - Analog Devices ADG508AKPZ1 Datasheet HTML 8Page - Analog Devices ADG508AKPZ1 Datasheet HTML 9Page - Analog Devices ADG508AKPZ1 Datasheet HTML 10Page - Analog Devices ADG508AKPZ1 Datasheet HTML 11Page - Analog Devices ADG508AKPZ1 Datasheet HTML 12Page - Analog Devices ADG508AKPZ1 Datasheet HTML 13Page - Analog Devices ADG508AKPZ1 Datasheet HTML 14Page - Analog Devices ADG508AKPZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 11 of 16
TEST CIRCUITS
Note: All digital input signal rise and fall times measured from 10% to 90% of 3 V. tR = tF = 20 ns.
RON =V1/IDS
VS
SD
V1
IDS
Figure 14. RON
D
A
EN
GND
0.8V
IS (OFF)
V1
V2
VDD
VSS
VDD
VSS
Figure 15. IS (Off)
ID (OFF)
D
A
EN
GND
0.8V
V1
V2
VSS
VDD
VSS
VDD
Figure 16. ID (Off)
D
A
EN
GND
2.4V
ID (ON)
V2
V1
VDD
VSS
VDD
VSS
Figure 17. ID (On)
DA
EN
GND
0.8V
DB
V1
V2
VSS
VDD
VSS
VDD
A
A
ADG509A
Figure 18. IDIFF = IDB (Off)
90%
0V
3V
90%
50%
OUTPUT
ADDRESS
DRIVE (VIN)
tTRANSITION
tTRANSITION
OUTPUT
ADG508A1
A2
A1
A0
50Ω
1MΩ
GND
S1
S2–S7
S8
D
35pF
VIN
2.4V
EN
VDD
VSS
VDD
VSS
V1
V2
1SIMILAR CONNECTION FOR ADG509A.
Figure 19. Switching Time of Multiplexer, tTRANSITION


Similar Part No. - ADG508AKPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG508AKP AD-ADG508AKP Datasheet
304Kb / 8P
   CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
REV. B
More results

Similar Description - ADG508AKPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7503JNZ AD-AD7503JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501SQ AD-AD7501SQ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508AKRZ AD-ADG508AKRZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
Rev. D
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com