Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM32ER71H106KA12 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # GRM32ER71H106KA12
Description  Chip Monolithic Ceramic Capacitors
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM32ER71H106KA12 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GRM32ER71H106KA12 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM32ER71H106KA12 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM32ER71H106KA12 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM32ER71H106KA12 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM32ER71H106KA12 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM32ER71H106KA12 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM32ER71H106KA12 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM32ER71H106KA12 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GRM32ER71H106KA12 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 237 page
background image
C02E.pdf
Oct.1,2012
separate volume 6
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(
c GRM Series Temperature Compensating Type)
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
27pF
33pF
39pF
47pF
56pF
68pF
82pF
100pF
120pF
150pF
180pF
220pF
270pF
330pF
390pF
470pF
560pF
680pF
820pF
1000pF
1200pF
1500pF
1800pF
2200pF
2700pF
3300pF
3900pF
4700pF
5600pF
6800pF
8200pF
10000pF
12000pF
15000pF
18000pF
22000pF
27000pF
33000pF
39000pF
47000pF
U2J
U2J
U2J
U2J
U2J
U2J
U2J
U2J
U2J
3150 1000
630
1000
630
1000
630
1000
630
1
1.5
4.5×
2.0
4.5×3.2
2
1.5
5.7×5.0
2
p140
p140
p140
p140
p140
p140
p140
p140
p139
p139
p139
p139
p139
p139
p139
p139
p139
p139
p139
p139
p139
p139
p139
p139
CK
P2H
R2H
S2H
T2H
U2J
CJ
CH
SL
PK
PJ
PH
RK
RJ
RH
SK
SJ
SH
TK
TJ
TH
UK
UJ
C0G
p00
Part Number List
JIS:
EIA:
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.


Similar Part No. - GRM32ER71H106KA12

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
GRM32ER71H106KA12L DIALOG-GRM32ER71H106KA12L Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
GRM32ER71H106KA12L DIALOG-GRM32ER71H106KA12L Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
logo
Richtek Technology Corp...
GRM32ER71H106KA12L RICHTEK-GRM32ER71H106KA12L Datasheet
713Kb / 26P
   9A, 6.5V, 1MHz Synchronous Step-Down Converter
April 2018
More results

Similar Description - GRM32ER71H106KA12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com