Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG212AKR Datasheet(PDF) 4 Page - Analog Devices

Part # ADG212AKR
Description  LC2MOS Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG212AKR Datasheet(HTML) 4 Page - Analog Devices

  ADG212AKR Datasheet HTML 1Page - Analog Devices ADG212AKR Datasheet HTML 2Page - Analog Devices ADG212AKR Datasheet HTML 3Page - Analog Devices ADG212AKR Datasheet HTML 4Page - Analog Devices ADG212AKR Datasheet HTML 5Page - Analog Devices ADG212AKR Datasheet HTML 6Page - Analog Devices ADG212AKR Datasheet HTML 7Page - Analog Devices ADG212AKR Datasheet HTML 8Page - Analog Devices ADG212AKR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG211A/ADG212A
Data Sheet
Rev. C | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise stated.
Table 2.
Parameter
Rating
VDD to VSS
44 V
VDD to GND
25 V
VSS to GND
−25 V
VL to GND
−0.3 V, 25 V
Analog Inputs1
Voltage at S, D
VSS − 0.3 V to VDD + 0.3 V
Continuous Current, S or D
30 mA
Pulsed Current S or D
1 ms Duration, 10% Duty Cycle
70 mA
Digital Inputs1
Voltage at IN
VSS − 2 V to VDD + 2 V or
20 mA, Whichever
Occurs First
Power Dissipation (Any Package)
Up to +75°C
470 mW
Derates above +75°C by
6 mW/°C
Operating Temperature
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 10 sec)
+300°C
1 Overvoltage at IN, S, or D will be clamped by diodes. Current should be
limited to the Maximum Rating listed in Table 2.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADG212AKR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG212AKR AD-ADG212AKR Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results

Similar Description - ADG212AKR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG441 AD-ADG441 Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG221 AD-ADG221 Datasheet
230Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG201AKNZ AD-ADG201AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com