Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG211A Datasheet(PDF) 3 Page - Analog Devices

Part # ADG211A
Description  LC2MOS Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG211A Datasheet(HTML) 3 Page - Analog Devices

  ADG211A Datasheet HTML 1Page - Analog Devices ADG211A Datasheet HTML 2Page - Analog Devices ADG211A Datasheet HTML 3Page - Analog Devices ADG211A Datasheet HTML 4Page - Analog Devices ADG211A Datasheet HTML 5Page - Analog Devices ADG211A Datasheet HTML 6Page - Analog Devices ADG211A Datasheet HTML 7Page - Analog Devices ADG211A Datasheet HTML 8Page - Analog Devices ADG211A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADG211A/ADG212A
Rev. C | Page 3 of 16
SPECIFICATIONS
VDD = +15 V, VSS = −15 V, VL = 5 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to +85°C
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
ANALOG SWITCH
Analog Signal Range
±15
±15
V
RON
115
175
Ω
−10 V ≤ VS ≤ +10 V, IDS = 1 mA, see Figure 21
RON vs. VD (VS)
20
%
RON Drift
0.5
%/°C
RON Match
5
%
VS = 0 V, IDS = 1 mA
LEAKAGE CURRENTS
IS (Off)
0.5
nA
VD = ±14 V; VS = 14 V; see Figure 22
Off Input Leakage
5
100
nA
ID (Off)
0.5
nA
VD = ±14 V; VS = 14 V; see Figure 22
Off Output Leakage
5
100
nA
ID (On)
0.5
nA
VD = VS = ±14 V; see Figure 23
On Channel Leakage
5
200
nA
DIGITAL CONTROL
VINH, Input High Voltage
2.4
V
TTL compatibility is independent of VL
VINL, Input Low Voltage
0.8
V
INL or INH
1
µA
CIN, Digital Input Capacitance
5
pF
DYNAMIC CHARACTERISTICS
tOPEN1
30
ns
See Figure 24
tON1
600
ns
See Figure 25
tOFF1
450
ns
See Figure 25
Off Isolation
80
dB
VS = 10 V (p-p); f = 100 kHz;
RL = 75 Ω; see Figure 26
Channel-to-Channel Crosstalk
80
dB
See Figure 27
CS (Off)
5
pF
CD (Off)
5
pF
CS, CD (On)
16
pF
QINJ, Charge Injection
20
pC
RS = 0 Ω; CL = 1000 pF; VS = 0 V; see Figure 28
POWER SUPPLY
IDD
0.6
mA
Digital inputs = VINL or VINH
IDD
1
mA
ISS
0.1
mA
ISS
0.2
mA
IL
0.9
mA
1
Sample tested at 25°C to ensure compliance.


Similar Part No. - ADG211A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG211AKN AD-ADG211AKN Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG211AKP AD-ADG211AKP Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG211AKR AD-ADG211AKR Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results

Similar Description - ADG211A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG441 AD-ADG441 Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG221 AD-ADG221 Datasheet
230Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG201AKNZ AD-ADG201AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com