Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31CE70G107ME39 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # GRM31CE70G107ME39
Description  Chip Monolithic Ceramic Capacitors
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM31CE70G107ME39 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  GRM31CE70G107ME39 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM31CE70G107ME39 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM31CE70G107ME39 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM31CE70G107ME39 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM31CE70G107ME39 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM31CE70G107ME39 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM31CE70G107ME39 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM31CE70G107ME39 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM31CE70G107ME39 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 237 page
background image
Contents
Selection Guide
p2
Capacitance Table
p3
Part Numbering
p15
ISO 9001 Certifications
p215
Introduction of Website SimSurfing
p216
EMICON-FUN!
p217
Product Information p218
Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog.
!Caution/Notice
p118
For General Purpose GRM Series
(Less than 250Vdc)
p21 separate volume
Capacitor Array GNM Series
p76
p4
Low ESL LLL/LLR/LLA/LLM Series
p79
p5
High-Q Type GJM Series
p82
p7
High Frequency GQM Series
p104
p8
Monolithic Microchip GMA Series
p113
p9
For Bonding GMD Series
p115
p10
Chip Monolithic Ceramic Capacitors
Cap. Table
Reference Data (Typical Example)
p182
Package
p185
!Caution/Notice
p188
Chip Monolithic Ceramic Capacitors
(Medium Voltage)
For General Purpose
GRM (250Vdc min.)/GRJ/GR3 Series
Temperature Compensating Type
GRM Series (250Vdc min.)
p136 separate volume
High Dielectric Constant Type
GRM Series (250Vdc min.)
p143 separate volume
Soft Termination Type GRJ Series
p148
p11
Large Capacitance and High Allowable
Ripple Current GR3 Series
p153
p11
Only for Applications
For LCD Backlight Inverter Circuit
GRM/DC3.15kV Series
p158
p12
For Information Devices GR4 Series
p161
p12
For Camera Flash Circuit GR7 Series
p165
p12
UL, IEC60384-14 Class X1/Y2 Type GC
p173
p13
IEC60384-14 Class Y2, X1/Y2 Type GF
p174
p13
IEC60384-14 Class Y3 Type GD
p176
p13
IEC60384-14 Class X2 Type GB
p177
p13
AC250V Type (Which Meet Japanese Law)
GA2 Series
p169
p12
Safety Standard Certified GA3 Series
Cap. Table
Metal Terminal Monolithic
Ceramic Capacitors
For General Purpose KRM/KR3 Series
High Capacitance for General Use
KRM Series
p200
p14
Large Capacitance and High Allowable
Ripple Current KR3 Series
p204
p14
Package
p208
!Caution/Notice
p210
Cap. Table
Product specifications are as of
July 2012.
ecifications are as of
July 2012.
C02E.pdf
Oct.1,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - GRM31CE70G107ME39

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31CE70G476M MURATA-GRM31CE70G476M Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X7U 47關F 4V
GRM31CE70G476ME15L MURATA-GRM31CE70G476ME15L Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
More results

Similar Description - GRM31CE70G107ME39

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com