Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFU1206FF01000P100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MFU1206FF01000P100
Description  Thin Film Chip Fuses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU1206FF01000P100 Datasheet(HTML) 2 Page - Vishay Siliconix

  MFU1206FF01000P100 Datasheet HTML 1Page - Vishay Siliconix MFU1206FF01000P100 Datasheet HTML 2Page - Vishay Siliconix MFU1206FF01000P100 Datasheet HTML 3Page - Vishay Siliconix MFU1206FF01000P100 Datasheet HTML 4Page - Vishay Siliconix MFU1206FF01000P100 Datasheet HTML 5Page - Vishay Siliconix MFU1206FF01000P100 Datasheet HTML 6Page - Vishay Siliconix MFU1206FF01000P100 Datasheet HTML 7Page - Vishay Siliconix MFU1206FF01000P100 Datasheet HTML 8Page - Vishay Siliconix MFU1206FF01000P100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MFU Series
www.vishay.com
Vishay Beyschlag
Revision: 11-Mar-13
2
Document Number: 28747
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
(2) Please refer to table PACKAGING
PART NUMBER AND PRODUCT DESCRIPTION (1)
Part Number: MFU0603FF01000PW00
MODEL/SIZE
FUSING CHARACTERISTIC
RATED CURRENT
PACKAGING (2)
SPECIAL
MFU0402
MFU0603
MFU0805
MFU1206
FF = Very quick acting
Examples:
0.5 A = 00500
1.0 A = 01000
6.3 A = 06300
E1
E5
E0
P1
P5
PW
Up to 2 digits
00 = Standard
Product Description: MFU 0603 -FF PW 1A0
MFU
0603
-FF
PW
1A0
MODEL
SIZE
FUSING CHARACTERISTIC
PACKAGING (2)
RATED CURRENT
MFU
0402
0603
0805
1206
FF = Very quick acting
E1
E5
E0
P1
P5
PW
Examples:
0.5 A = 0A5
1.0 A = 1A0
6.3 A = 6A3
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL
DIAMETER
MFU 0402
E1
1000
Card board tape
acc. IEC 60286-3
Type I
8.0
2.0
180 mm/7"
E5
5000
E0
10 000
MFU 0603
P1
1000
4.0
180 mm/7"
P5
5000
PW
20 000
330 mm/13"
MFU 0805
P1
1000
180 mm/7"
P5
5000
PW
20 000
330 mm/13"
MFU 1206
P1
1000
180 mm/7"
P5
5000
PW
20 000
330 mm/13"
M
F
U
060
3
F
F
0
1
0
00
P
W
0
0


Similar Part No. - MFU1206FF01000P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU1206FF01000P100 VISHAY-MFU1206FF01000P100 Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
MFU1206FF01000P100 VISHAY-MFU1206FF01000P100 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
More results

Similar Description - MFU1206FF01000P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU_10 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU VISHAY-MFU Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
logo
AVX Corporation
F0603G0R05FNTR AVX-F0603G0R05FNTR_17 Datasheet
267Kb / 4P
   Miniature 0603 Size Thin-Film Fuses
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
466 LITTELFUSE-466 Datasheet
101Kb / 2P
   Surface Mount Fuses - Lead-Free Thin-Film
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com