Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-1393252-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6-1393252-4
Description  Magnetic Hydraulic P&B Circuit Breakers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-1393252-4 Datasheet(HTML) 2 Page - Tyco Electronics

  6-1393252-4 Datasheet HTML 1Page - Tyco Electronics 6-1393252-4 Datasheet HTML 2Page - Tyco Electronics 6-1393252-4 Datasheet HTML 3Page - Tyco Electronics 6-1393252-4 Datasheet HTML 4Page - Tyco Electronics 6-1393252-4 Datasheet HTML 5Page - Tyco Electronics 6-1393252-4 Datasheet HTML 6Page - Tyco Electronics 6-1393252-4 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Catalog 1308242
Issued 3-03 (PDF Rev. 03-10)
Revised 03-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Time vs. Current Trip Curves For W6 Series and W9 Series
Note:
For instantaneous curves for all voltages refer to Curve 0 Instantaneous under the AC 50/60 Hz. heading.
Pulse tolerance is defined as a single pulse of a half sine
wave (1/2 cycle or 8 milliseconds) that will not trip the
breaker. An inertia wheel for increased pulse tolerance is
available by specifying “P” after the time delay curve
number in the ordering information. The table at right lists
pulse tolerance values of standard and inertia delay models.
AC 50/60 Hz.
DC
AC/DC
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 0 INSTANTANEOUS
OVERLOAD @ 50/60 Hz.& DC
@ 400 Hz.
125%
100 ms max.
May Trip
150%
55 ms max.
100 ms max.
200%
30 ms max.
30 ms max.
400%
15 ms max.
15 ms max.
600%
12 ms max.
12 ms max.
800%
12 ms max.
12 ms max.
TRIP TIMES
400 Hz.
DC & 50/60 Hz.
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 2 STANDARD DELAY 50/60 Hz.
OVERLOAD TRIPTIMES
(SEC.)
125%
10 - 150
200%
2.2 - 20
400%
.2 - 2
600%
.03 - .75
800%
.007 - .15
1000%
.005 - .04
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 2 STANDARD DELAY DC
OVERLOAD TRIPTIMES
(SEC.)
125%
2 - 55
200%
.60 - 8
400%
.1 - 1.5
600%
.02 - .5
800%
.004 - .05
1000%
.004 - .025
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
MOTOR START / LONG DELAY
CURVE 10 HIGH INRUSH 50/60 Hz. AC
OVERLOAD TRIPTIMES
(SEC.)
125%
40 - 500
200%
9 - 100
400%
2 - 20
600%
.8 - 10
800%
.1 - 4.5
1000%
.009 - 2
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 12 HIGH INRUSH 50/60 Hz.
125%
10 - 150
200%
3 - 25
400%
.5 - 2.5
600%
.15 - 1
800%
.015 - .7
1000%
.009 - .35
OVERLOAD TRIPTIMES
(SEC.)
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 3 SHORT DELAY DC
OVERLOAD TRIPTIMES
(SEC.)
125%
.6 - 7
200%
.16 - 1.5
400%
.03 - .25
600%
.01 - .13
800%
.004 - .05
1000%
.003 - .015
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 34 DC, 50/60 Hz. STANDARD DELAY
OVERLOAD TRIPTIMES
(SEC.)
135%
1 - 90
200%
.60 - 20
400%
.095 - 2
600%
.02 - .95
800%
.002 - .45
1000%
.002 - .09
135
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 13 HIGH INRUSH 50/60 Hz.
OVERLOAD TRIPTIMES
(SEC.)
125%
.8 - 30
200%
.15 - 2.5
400%
.03 - .3
600%
.02 - .15
800%
.009 - .12
1000%
.009 - .09
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 3 SHORT DELAY 50/60 Hz.
OVERLOAD TRIPTIMES
(SEC.)
125%
1 - 15
200%
.15 - 1.5
400%
.03 - .25
600%
.007 - .15
800%
.003 - .08
1000%
.003 - .04
100 200 300 400 500 600 700 800 900 1000 1100 1200
LOAD CURRENT AS A PERCENT
OF BREAKER RATING
125 150
10,000
1000
100
10
1
.1
.01
.001
0
CURVE 53 DC HIGH INRUSH
OVERLOAD TRIPTIMES
(SEC.)
125%
80 - 700
200%
15 - 150
400%
2 - 20
600%
.70 - 10
800%
.10 - 3
1000%
.01 - .1
Pulse Tolerance Specifications
Pulse Tolerance Value
Time
Delay
Inertia
Voltage
Curve
Standard
Delay
2
7.5
18
AC
36
18
50/60 Hz.
10
18
30
12
18
30
13
18
30
To determine pulse tolerance multiply breaker rating by value in table. For
example, a 2A breaker with time delay curve 3 has a standard pulse tolerance
of 12A (2A x 6). The same breaker with an inertia delay has a pulse tolerance
of 36A (2A x 18).


Similar Part No. - 6-1393252-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-1393208-4 MACOM-6-1393208-4 Datasheet
470Kb / 4P
   T90 Series, 30A PCB Relay
logo
TE Connectivity Ltd
6-1393208-4 TEC-6-1393208-4 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
6-1393208-5 TEC-6-1393208-5 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
logo
Tyco Electronics
6-1393208-6 MACOM-6-1393208-6 Datasheet
470Kb / 4P
   T90 Series, 30A PCB Relay
logo
TE Connectivity Ltd
6-1393208-8 TEC-6-1393208-8 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
More results

Similar Description - 6-1393252-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-4 MACOM-2-1393254-4 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-5 MACOM-2-1393254-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-1 MACOM-2-1393253-1 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-2 MACOM-2-1393254-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-3 MACOM-2-1393254-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393252-0 MACOM-2-1393252-0 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com