Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD46364092B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PD46364092B
Description  36M-BIT DDR II SRAM 2-WORD BURST OPERATION
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46364092B Datasheet(HTML) 2 Page - Renesas Technology Corp

  PD46364092B Datasheet HTML 1Page - Renesas Technology Corp PD46364092B Datasheet HTML 2Page - Renesas Technology Corp PD46364092B Datasheet HTML 3Page - Renesas Technology Corp PD46364092B Datasheet HTML 4Page - Renesas Technology Corp PD46364092B Datasheet HTML 5Page - Renesas Technology Corp PD46364092B Datasheet HTML 6Page - Renesas Technology Corp PD46364092B Datasheet HTML 7Page - Renesas Technology Corp PD46364092B Datasheet HTML 8Page - Renesas Technology Corp PD46364092B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
μPD46364092B, μPD46364182B, μPD46364362B
R10DS0091EJ0400 Rev.4.00
Page 2 of 35
Nov 09, 2012
Ordering Information
Part No.
Organization
(word x bit)
Cycle
time
Clock
frequency
Core
Supply
Voltage
Operating
Ambient
Temperature
Package
μPD46364092BF1-E33-EQ1-A
4M x 9
3.3ns
300MHz
1.8
± 0.1 V
TA = 0 to 70
°C
165-pin
μPD46364092BF1-E40-EQ1-A
4.0ns
250MHz
PLASTIC
μPD46364182BF1-E33-EQ1-A
2M x 18
3.3ns
300MHz
BGA
μPD46364182BF1-E40-EQ1-A
4.0ns
250MHz
(13 x 15)
μPD46364362BF1-E33-EQ1-A
1M x 36
3.3ns
300MHz
Lead-free
μPD46364362BF1-E40-EQ1-A
4.0ns
250MHz
μPD46364092BF1-E33Y-EQ1-A
4M x 9
3.3ns
300MHz
1.8
± 0.1 V TA = -40 to 85°C
μPD46364092BF1-E40Y-EQ1-A
4.0ns
250MHz
μPD46364182BF1-E33Y-EQ1-A
2M x 18
3.3ns
300MHz
μPD46364182BF1-E40Y-EQ1-A
4.0ns
250MHz
μPD46364362BF1-E33Y-EQ1-A
1M x 36
3.3ns
300MHz
μPD46364362BF1-E40Y-EQ1-A
4.0ns
250MHz
μPD46364092BF1-E33-EQ1
4M x 9
3.3ns
300MHz
1.8
± 0.1 V
TA = 0 to 70
°C
165-pin
μPD46364092BF1-E40-EQ1
4.0ns
250MHz
PLASTIC
μPD46364182BF1-E33-EQ1
2M x 18
3.3ns
300MHz
BGA
μPD46364182BF1-E40-EQ1
4.0ns
250MHz
(13 x 15)
μPD46364362BF1-E33-EQ1
1M x 36
3.3ns
300MHz
Lead
μPD46364362BF1-E40-EQ1
4.0ns
250MHz
μPD46364092BF1-E33Y-EQ1
4M x 9
3.3ns
300MHz
1.8
± 0.1 V TA = -40 to 85°C
μPD46364092BF1-E40Y-EQ1
4.0ns
250MHz
μPD46364182BF1-E33Y-EQ1
2M x 18
3.3ns
300MHz
μPD46364182BF1-E40Y-EQ1
4.0ns
250MHz
μPD46364362BF1-E33Y-EQ1
1M x 36
3.3ns
300MHz
μPD46364362BF1-E40Y-EQ1
4.0ns
250MHz


Similar Part No. - PD46364092B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD46364092B RENESAS-PD46364092B_15 Datasheet
640Kb / 36P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
More results

Similar Description - PD46364092B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD46364092B RENESAS-UPD46364092B Datasheet
640Kb / 36P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
PD44324092B RENESAS-PD44324092B_15 Datasheet
500Kb / 37P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD44324092B RENESAS-UPD44324092B Datasheet
488Kb / 37P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
August 2, 2011
PD46364092B RENESAS-PD46364092B_15 Datasheet
640Kb / 36P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD44325092B RENESAS-UPD44325092B Datasheet
393Kb / 36P
   36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
August 11, 2011
PD44324185B RENESAS-PD44324185B_15 Datasheet
436Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD44325092B RENESAS-PD44325092B_15 Datasheet
416Kb / 36P
   36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD46365092B RENESAS-PD46365092B Datasheet
619Kb / 36P
   36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
UPD46365092B RENESAS-UPD46365092B Datasheet
619Kb / 36P
   36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD44324185B RENESAS-UPD44324185B Datasheet
425Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
September 12, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com