Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX610 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RX610
Description  RENESAS 32-Bit MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX610 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RX610 Datasheet HTML 1Page - Renesas Technology Corp RX610 Datasheet HTML 2Page - Renesas Technology Corp RX610 Datasheet HTML 3Page - Renesas Technology Corp RX610 Datasheet HTML 4Page - Renesas Technology Corp RX610 Datasheet HTML 5Page - Renesas Technology Corp RX610 Datasheet HTML 6Page - Renesas Technology Corp RX610 Datasheet HTML 7Page - Renesas Technology Corp RX610 Datasheet HTML 8Page - Renesas Technology Corp RX610 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
RX610 Group
1. Overview
R01DS0097EJ0120 Rev.1.20
Page 3 of 84
Feb 20, 2013
Classification
Module/Function
Description
Interrupt
Interrupt control unit
Peripheral function interrupts: 116
External interrupts: 16 (pins IRQ15 to IRQ0)
Non-maskable interrupt: 1 (the NMI pin)
Eight priority orders specifiable
External bus extension
The external address space can be divided into eight areas (CS0 to CS7), each of
which is independently controllable.
Capacity of each area: 16 Mbytes
Chip-select signals (CS0# to CS7#) can be output for each area.
8-bit or 16-bit bus space can be specified for each area.
The data arrangement is selectable as little endian or big endian for each area. (only
for data)
Separate bus system
Wait control
Write buffer programming
DMA
DMA controller
4-channel DMA transfer available
Activation sources: Software trigger, external interrupts, and interrupt requests from
peripheral functions
Data transfer controller
Three transfer modes: Normal transfer, repeat transfer, and block transfer
Activated by interrupt requests (chain transfer enabled)
I/O ports
Programmable I/O ports
I/O pins: 117 (144-pin LQFP), 140 (176-pin LFBGA)
Pull-up resistors: 40
Open-drain outputs: 16
5-V tolerance: 10
Timer
16-bit timer pulse unit
(16 bits x 6 channels) x 2 units
Up to 16 pulse inputs and outputs
Select from among 7 or 8 counter-input clocks for each channel
Input capture/output compare function
Maximum of 15-phase PWM output possible in PWM mode
Buffered operation, phase counting mode (two-phase encoder input), and cascaded
operation (32 bits x 2 channels) settable for each channel
PPG output trigger can be generated
Conversion start trigger for the A/D converter can be generated
Programmable pulse
generator
(4 bits x 4 groups) x 2 units
Provides pulse outputs by using the TPU output as a trigger
Maximum of 32-bit pulse output possible
8-bit timer
(8 bits x 2 channels) x 2 units
Select from among 8 clock sources (7 internal clocks and 1 external clock)
Allows the output of pulse trains with a desired duty cycle or PWM signals
Cascading of 2 channels enables it to be used as a 16-bit timer
Generation of trigger to start A/D converter conversion
Capable of generating baud rate clock for SCI5 and SCI6
Compare match timer
(16 bits x 2 channels) x 2 units
Select from among 4 counter-input clocks


Similar Part No. - RX610

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX610 RENESAS-RX610 Datasheet
1Mb / 8P
   32-Bit MCU
RX610 RENESAS-RX610 Datasheet
364Kb / 8P
   Renesas Starter Kit Sample
logo
BCM Advanced Research.
RX610H BCM-RX610H Datasheet
553Kb / 2P
   Intel® H610E based Micro ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
logo
Renesas Technology Corp
RX610 RENESAS-RX610_15 Datasheet
1Mb / 86P
   RENESAS 32-Bit MCU
More results

Similar Description - RX610

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX610 RENESAS-RX610_15 Datasheet
1Mb / 86P
   RENESAS 32-Bit MCU
R01US0079ED0103 RENESAS-R01US0079ED0103 Datasheet
925Kb / 66P
   RENESAS 32-Bit MCU
RA6M2 RENESAS-RA6M2_V01 Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
May 14, 2021
RA2A1 RENESAS-RA2A1 Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
RA6M1 RENESAS-RA6M1_V01 Datasheet
1Mb / 92P
   32-bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
RA6T1 RENESAS-RA6T1_V01 Datasheet
784Kb / 70P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
Feb 24, 2022
RX610 RENESAS-RX610 Datasheet
1Mb / 8P
   32-Bit MCU
RA4W1 RENESAS-RA4W1 Datasheet
1Mb / 105P
   32-Bit MCU
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com