Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20169NP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R2A20169NP
Description  8-bit 12ch D/A Converter with Buffer Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20169NP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R2A20169NP_13 Datasheet HTML 2Page - Renesas Technology Corp R2A20169NP_13 Datasheet HTML 3Page - Renesas Technology Corp R2A20169NP_13 Datasheet HTML 4Page - Renesas Technology Corp R2A20169NP_13 Datasheet HTML 5Page - Renesas Technology Corp R2A20169NP_13 Datasheet HTML 6Page - Renesas Technology Corp R2A20169NP_13 Datasheet HTML 7Page - Renesas Technology Corp R2A20169NP_13 Datasheet HTML 8Page - Renesas Technology Corp R2A20169NP_13 Datasheet HTML 9Page - Renesas Technology Corp R2A20169NP_13 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Datasheet
R2A20169NP/SA/SP
Page 6 of 9
R03DS0020EJ0300 Rev.3.00
Jul 25, 2013
Digital Data Format
Last
LSB
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D0
D1
D2
D3
D4
D5
D6
D7
D/A Output
0
0
0
0
0
0
0
0
(VrefU – VrefL) / 256 x 1 + VrefL
1
0
0
0
0
0
0
0
(VrefU – VrefL) / 256 x 2 + VrefL
0
1
0
0
0
0
0
0
(VrefU – VrefL) / 256 x 3 + VrefL
1
1
0
0
0
0
0
0
(VrefU – VrefL) / 256 x 4 + VrefL
:
:
:
:
:
:
:
:
:
0
1
1
1
1
1
1
1
(VrefU – VrefL) / 256 x 255 + VrefL
1
1
1
1
1
1
1
1
VrefU
First
MSB
DAC data
Channel
select data
Channel select data
D8
D9
D10
D11
Chanel Selection
0
0
0
0
Don’t care
0
0
0
1
Ao1 select
0
0
1
0
Ao2 select
0
0
1
1
Ao3 select
0
1
0
0
Ao4 select
0
1
0
1
Ao5 select
0
1
1
0
Ao6 select
0
1
1
1
Ao7 select
1
0
0
0
Ao8 select
1
0
0
1
Ao9 select
1
0
1
0
Ao10 select
1
0
1
1
Ao11 select
1
1
0
0
Ao12 select
1
1
0
1
Don’t care
1
1
1
0
Don’t care
1
1
1
1
Don’t care
DAC data


Similar Part No. - R2A20169NP_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
More results

Similar Description - R2A20169NP_13

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352AGP RENESAS-M62352AGP Datasheet
136Kb / 9P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
   3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com