Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24512BSAS0G Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1EX24512BSAS0G
Description  Two-wire serial interface 512k EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24512BSAS0G Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1EX24512BSAS0G Datasheet HTML 1Page - Renesas Technology Corp R1EX24512BSAS0G Datasheet HTML 2Page - Renesas Technology Corp R1EX24512BSAS0G Datasheet HTML 3Page - Renesas Technology Corp R1EX24512BSAS0G Datasheet HTML 4Page - Renesas Technology Corp R1EX24512BSAS0G Datasheet HTML 5Page - Renesas Technology Corp R1EX24512BSAS0G Datasheet HTML 6Page - Renesas Technology Corp R1EX24512BSAS0G Datasheet HTML 7Page - Renesas Technology Corp R1EX24512BSAS0G Datasheet HTML 8Page - Renesas Technology Corp R1EX24512BSAS0G Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Preliminary Datasheet
R1EX24512BSAS0G
R1EX24512BTAS0G
Two-wire serial interface
512k EEPROM (64-kword
 8-bit)
R10DS0111EJ0200 Rev.2.00
Page 1 of 16
Feb. 18, 2013
Description
R1EX24xxx series are two-wire serial interface EEPROM (Electrically Erasable and Programmable ROM).
R1EX24xxxG series improves the write/erase endurance in addition to suitable for the high temperature industrial
application that makes the best use of the feature of advanced MONOS memory cell structure.
Features
 Single supply: 1.8 V to 5.5 V
 Two-wire serial interface (I2C serial bus)
 Clock frequency: 1 MHz (2.5 V to 5.5 V) / 400 kHz (1.8 V to 5.5 V)
 Power dissipation:
 Standby: 2 A (max)
 Active (Read): 1 mA (max)
 Active (Write): 5 mA (max)
 Automatic page write: 128-byte/page
 Write cycle time: 5 ms
 Endurance: 1,000k Cycles @105C
 Data retention: 20 Years @105C
 Small size packages: SOP-8pin, TSSOP-8pin
 Shipping tape and reel
 TSSOP 8-pin: 3,000 IC/reel
 SOP 8-pin: 2,500 IC/reel
 Temperature range: 40 to +105C
 Lead free products.
 Halogen free products.
R10DS0111EJ0200
Rev.2.00
Feb. 18, 2013
105°C I2C-bus EEPROM


Similar Part No. - R1EX24512BSAS0G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G_15 Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 瑗?8-bit)
More results

Similar Description - R1EX24512BSAS0G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
logo
E-CMOS Corporation
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
Sanyo Semicon Device
LE24L042CS SANYO-LE24L042CS Datasheet
200Kb / 10P
   Two Wire Serial Interface EEPROM
LE24LA322CS SANYO-LE24LA322CS Datasheet
217Kb / 11P
   Two Wire Serial Interface EEPROM
LE24LB642CS SANYO-LE24LB642CS Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM
logo
ON Semiconductor
LE24L042CS-B ONSEMI-LE24L042CS-B Datasheet
832Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
LE24512AQF ONSEMI-LE24512AQF Datasheet
929Kb / 14P
   Two Wire Serial Interface EEPROM
July, 2013
logo
Sanyo Semicon Device
LE24C023M SANYO-LE24C023M Datasheet
168Kb / 11P
   Two Wire Serial Interface EEPROM
logo
ON Semiconductor
LE24162LBXA ONSEMI-LE24162LBXA Datasheet
788Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com