Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1C5R4DD05 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C5R4DD05
Description  Chip Monolithic Ceramic Capacitors
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C5R4DD05 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button GRM0225C1C5R4DD05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0225C1C5R4DD05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1C5R4DD05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1C5R4DD05 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1C5R4DD05 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1C5R4DD05 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C5R4DD05 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C5R4DD05 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM0225C1C5R4DD05 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 237 page
background image
Capacitance Table
c GRM Series Temperature Compensating Type
p22
p22
p22
p22
p22
p23
p23
p23
p24
p24
p24
p25
p25
p25
p25
p25
p25
p25
p25
p25
p25
p25
p25
p25
p25
p26
p26
p26
p27
p27
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p28
p29
p29
p29
p30
p30
p30
p31
p31
p31
p31
p31
p31
p31
p31
p31
p32
p32
p32
p32
p32
p32
p32
p32
p32
p32
p32
p32
p33
p33
p33
p34
p34
p34
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p35
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p36
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p37
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p38
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p39
p40
p40
p40
p41
p41
p41
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p42
p43
p43
p43
p44
p44
p44
p45
p45
p45
p45
p45
p45
p45
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
p46
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
0.1pF
0.2pF
0.5pF
1.0pF
2.0pF
3.0pF
4.0pF
5.0pF
6.0pF
7.0pF
8.0pF
9.0pF
10pF
12pF
15pF
18pF
22pF
27pF
33pF
39pF
47pF
56pF
68pF
82pF
100pF
120pF
150pF
180pF
220pF
270pF
330pF
390pF
470pF
560pF
680pF
820pF
1000pF
C
Δ
16
C0G
CH
10
C0G
C
Δ
C0G
U
Δ
R
Δ
R2H
S
Δ
S2H
T
Δ
T2H
UJ
C
Δ
C0G
C
Δ
C0G
P
Δ
P2H
R
Δ
R2H
50
25
50
50
0.22
0.4×0.2
0.6×0.3
0.33
0.33
1.0×0.5
0.55
CK
P2H
R2H
S2H
T2H
U2J
CJ
CH
SL
PK
PJ
PH
RK
RJ
RH
SK
SJ
SH
TK
TJ
TH
UK
UJ
C0G
p00
Part Number List
JIS:
EIA:
p00
Each number in the Part Number List refers to the page number printed at the bottom of the page.
The indication for every 0.1 pF has
been omitted for less than 10 pF.
Refer to the Part Number List for
details.
C02E.pdf
Oct.1,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
separate volume 1


Similar Part No. - GRM0225C1C5R4DD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C5R4DD05 MURATA-GRM0225C1C5R4DD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C5R4DD05 MURATA-GRM0225C1C5R4DD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0225C1C5R4DD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com