Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2596-ADJ Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2596-ADJ
Description  SIMPLE SWITCHER Power Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596-ADJ Datasheet(HTML) 4 Page - Texas Instruments

  LM2596-ADJ Datasheet HTML 1Page - Texas Instruments LM2596-ADJ Datasheet HTML 2Page - Texas Instruments LM2596-ADJ Datasheet HTML 3Page - Texas Instruments LM2596-ADJ Datasheet HTML 4Page - Texas Instruments LM2596-ADJ Datasheet HTML 5Page - Texas Instruments LM2596-ADJ Datasheet HTML 6Page - Texas Instruments LM2596-ADJ Datasheet HTML 7Page - Texas Instruments LM2596-ADJ Datasheet HTML 8Page - Texas Instruments LM2596-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Supply Voltage
45V
ON /OFF Pin Input Voltage
−0.3
≤ V ≤ +25V
Feedback Pin Voltage
−0.3
≤ V ≤+25V
Output Voltage to Ground
(Steady State)
−1V
Power Dissipation
Internally limited
Storage Temperature Range
−65˚C to +150˚C
ESD Susceptibility
Human Body Model (Note 2)
2 kV
Lead Temperature
S Package
Vapor Phase (60 sec.)
+215˚C
Infrared (10 sec.)
+245˚C
T Package (Soldering, 10 sec.)
+260˚C
Maximum Junction Temperature
+150˚C
Operating Conditions
Temperature Range
−40˚C
≤ T
J ≤ +125˚C
Supply Voltage
4.5V to 40V
LM2596-3.3
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range
Symbol
Parameter
Conditions
LM2596-3.3
Units
(Limits)
Typ
(Note 3)
Limit
(Note 4)
SYSTEM PARAMETERS (Note 5) Test Circuit
Figure 1
V
OUT
Output Voltage
4.75V
≤ V
IN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
3.3
V
3.168/3.135
V(min)
3.432/3.465
V(max)
η
Efficiency
V
IN = 12V, ILOAD =3A
73
%
LM2596-5.0
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range
Symbol
Parameter
Conditions
LM2596-5.0
Units
(Limits)
Typ
(Note 3)
Limit
(Note 4)
SYSTEM PARAMETERS (Note 5) Test Circuit
Figure 1
V
OUT
Output Voltage
7V
≤ V
IN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
5.0
V
4.800/4.750
V(min)
5.200/5.250
V(max)
η
Efficiency
V
IN = 12V, ILOAD =3A
80
%
LM2596-12
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range
Symbol
Parameter
Conditions
LM2596-12
Units
(Limits)
Typ
(Note 3)
Limit
(Note 4)
SYSTEM PARAMETERS (Note 5) Test Circuit
Figure 1
V
OUT
Output Voltage
15V
≤ V
IN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
12.0
V
11.52/11.40
V(min)
12.48/12.60
V(max)
η
Efficiency
V
IN = 25V, ILOAD =3A
90
%
www.national.com
3


Similar Part No. - LM2596-ADJ

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM2596-12E5 CYSTEKEC-LM2596-12E5 Datasheet
780Kb / 12P
   150kHz, 3A PWM Buck DC/DC Converter
LM2596-12F5 CYSTEKEC-LM2596-12F5 Datasheet
780Kb / 12P
   150kHz, 3A PWM Buck DC/DC Converter
LM2596-33E5 CYSTEKEC-LM2596-33E5 Datasheet
780Kb / 12P
   150kHz, 3A PWM Buck DC/DC Converter
LM2596-33F5 CYSTEKEC-LM2596-33F5 Datasheet
780Kb / 12P
   150kHz, 3A PWM Buck DC/DC Converter
LM2596-50E5 CYSTEKEC-LM2596-50E5 Datasheet
780Kb / 12P
   150kHz, 3A PWM Buck DC/DC Converter
More results

Similar Description - LM2596-ADJ

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com