Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL232lBET Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL232lBET
Description  5V Powered, Dual RS-232 Transmitter/Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL232lBET Datasheet(HTML) 5 Page - Intersil Corporation

  ICL232lBET Datasheet HTML 1Page - Intersil Corporation ICL232lBET Datasheet HTML 2Page - Intersil Corporation ICL232lBET Datasheet HTML 3Page - Intersil Corporation ICL232lBET Datasheet HTML 4Page - Intersil Corporation ICL232lBET Datasheet HTML 5Page - Intersil Corporation ICL232lBET Datasheet HTML 6Page - Intersil Corporation ICL232lBET Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FN3020.7
July 28, 2005
Detailed Description
The ICL232 is a dual RS-232 transmitter/receiver powered by
a single +5V power supply which meets all ElA RS232C
specifications and features low power consumption. The
functional diagram illustrates the major elements of the
ICL232. The circuit is divided into three sections: a voltage
doubler/inverter, dual transmitters, and dual receivers Voltage
Converter.
An equivalent circuit of the dual charge pump is illustrated in
Figure 5.
The voltage quadrupler contains two charge pumps which use
two phases of an internally generated clock to generate +10V
and -10V. The nominal clock frequency is 16kHz. During
phase one of the clock, capacitor C1 is charged to VCC.
During phase two, the voltage on C1 is added to VCC,
producing a signal across C2 equal to twice VCC. At the same
time, C3 is also charged to 2VCC, and then during phase one,
it is inverted with respect to ground to produce a signal across
C4 equal to -2VCC. The voltage converter accepts input
voltages up to 5.5V. The output impedance of the doubler (V+)
is approximately 200
Ω, and the output impedance of the
inverter (V-) is approximately 450
Ω. Typical graphs are
presented which show the voltage converters output vs input
voltage and output voltages vs load characteristics. The test
circuit (Figure 3) uses 1
µF capacitors for C1-C4, however, the
value is not critical. Increasing the values of C1 and C2 will
lower the output impedance of the voltage doubler and
inverter, and increasing the values of the reservoir capacitors,
C3 and C4, lowers the ripple on the V+ and V- supplies.
Transmitters
The transmitters are TTL/CMOS compatible inverters which
translate the inputs to RS-232 outputs. The input logic
threshold is about 26% of VCC , or 1.3V for VCC = 5V. A logic
1 at the input results in a voltage of between -5V and V- at the
output, and a logic 0 results in a voltage between +5V and (V+
- 0.6V). Each transmitter input has an internal 400k
Ω pullup
resistor so any unused input can be left unconnected and its
output remains in its low state. The output voltage swing
meets the RS-232C specification of
±5V minimum with the
worst case conditions of: both transmitters driving 3k
minimum load impedance, VCC = 4.5V, and maximum
allowable operating temperature. The transmitters have an
internally limited output slew rate which is less than 30V/
µs.
The outputs are short circuit protected and can be shorted to
ground indefinitely. The powered down output impedance is a
9
9
R2out
Receiver 2 TTL/CMOS output.
10
10
T2IN
Transmitter 2 TTL/CMOS input, with internal 400K pullup resistor to VCC.
11
11
T1IN
Transmitter 1 TTL/CMOS input, with internal 400K pullup resistor to VCC.
12
12
R1OUT
Receiver 1 TTL/CMOS output.
13
13
R1IN
RS-232 Receiver 1 input, with internal 5K pulldown resistor to GND.
14
14
T1OUT
RS-232 Transmitter 1 output
±10V (typical).
15
15
GND
Supply Ground.
16
16
VCC
Positive Power Supply +5V
±10%
Pin Descriptions (Continued)
PDIP, CERDIP
SOIC
PIN NAME
DESCRIPTION
+
-
C1
+
-
C3
+
-
C2
+
-
C4
S1
S2
S5
S6
S3
S4
S7
S8
VCC
GND
RC
OSCILLATOR
VCC
GND
V+ = 2VCC
GND
V- = -(V+)
C1+
C1
-
C2
-
C2+
VOLTAGE INVERTER
VOLTAGE DOUBLER
FIGURE 5. DUAL CHARGE PUMP
T1IN, T2IN
T1OUT, T2OUT
VOH
VOL
tr
tf
90%
10%
Instantaneous
Slew Rate (SR)
=
(0.8) (VOH - VOL)
tr
or
(0.8) (VOL - VOH)
tf
FIGURE 6. SLEW RATE DEFINITION
ICL232
ICL232


Similar Part No. - ICL232lBET

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL232LBET INTERSIL-ICL232LBET Datasheet
210Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
More results

Similar Description - ICL232lBET

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
   5V Powered Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
   5V-Powered, Multichannel RS-232
logo
NTE Electronics
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
   Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
logo
Intersil Corporation
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
logo
Dallas Semiconductor
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
   Triple RS-232 Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com