Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR3802TRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRLR3802TRPBF
Description  HEXFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3802TRPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRLR3802TRPBF Datasheet HTML 3Page - International Rectifier IRLR3802TRPBF Datasheet HTML 4Page - International Rectifier IRLR3802TRPBF Datasheet HTML 5Page - International Rectifier IRLR3802TRPBF Datasheet HTML 6Page - International Rectifier IRLR3802TRPBF Datasheet HTML 7Page - International Rectifier IRLR3802TRPBF Datasheet HTML 8Page - International Rectifier IRLR3802TRPBF Datasheet HTML 9Page - International Rectifier IRLR3802TRPBF Datasheet HTML 10Page - International Rectifier IRLR3802TRPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRLR/U3802PbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
ASSEMBLY
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFU120
YEAR 9 = 1999
DATE CODE
LINE A
WEEK 19
IN THE ASSEMBLY LINE "A"
ASSEMBLED ON WW 19, 1999
LOT CODE 5678
PART NUMBER
56
IRFU120
INTERNATIONAL
LOGO
RECT IFIER
LOT CODE
919A
78
Note: "P" in assembly line
position indicates "Lead-Free"
OR
56
78
ASSEMBLY
LOT CODE
RECTIFIER
LOGO
INTERNATIONAL
IRFU120
PART NUMBER
WEEK 19
DATE CODE
YEAR 9 = 1999
A = ASSEMBLY SITE CODE
P = DESIGNATES LEAD-FREE
PRODUCT (OPTIONAL)


Similar Part No. - IRLR3802TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3802 IRF-IRLR3802 Datasheet
143Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRLR3802 KERSEMI-IRLR3802 Datasheet
923Kb / 10P
   High Frequency 3.3V and 5V input Pointof-Load Synchronous Buck Converters
logo
Inchange Semiconductor ...
IRLR3802 ISC-IRLR3802 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR3802PBF IRF-IRLR3802PBF Datasheet
278Kb / 10P
   HEXFET Power MOSFET
IRLR3802PBF IRF-IRLR3802PBF Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com