Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR3103TR Datasheet(PDF) 10 Page - International Rectifier

Part # IRLR3103TR
Description  HEXFET짰 Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3103TR Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLR3103TR Datasheet HTML 3Page - International Rectifier IRLR3103TR Datasheet HTML 4Page - International Rectifier IRLR3103TR Datasheet HTML 5Page - International Rectifier IRLR3103TR Datasheet HTML 6Page - International Rectifier IRLR3103TR Datasheet HTML 7Page - International Rectifier IRLR3103TR Datasheet HTML 8Page - International Rectifier IRLR3103TR Datasheet HTML 9Page - International Rectifier IRLR3103TR Datasheet HTML 10Page - International Rectifier IRLR3103TR Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRLR/U3103
10
www.irf.com
Tape & Reel Information
TO-252AA
TR
1 6.3 ( .6 41 )
1 5.7 ( .6 19 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
12 .1 ( .4 7 6 )
11 .9 ( .4 6 9 )
F E E D DIR E CT IO N
F E E D DIR E CT IO N
16 .3 ( .64 1 )
15 .7 ( .61 9 )
TR R
TR L
NO T E S :
1 . CO N T R O LL IN G DIM E NS IO N : M ILL IM E T E R .
2 . A LL DIM E NS IO NS A R E S H O W N IN M ILL IM E T E R S ( IN CH E S ).
3 . O U T L IN E C O N F O R M S T O EIA-4 81 & EIA-54 1.
NO T E S :
1. O U T L IN E C O N F O R M S T O EIA-4 81 .
16 m m
1 3 IN C H
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
http://www.irf.com/
Data and specifications subject to change without notice.
11/98


Similar Part No. - IRLR3103TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3103TRPBF IRF-IRLR3103TRPBF Datasheet
292Kb / 11P
   Logic-Level Gate Drive
logo
VBsemi Electronics Co.,...
IRLR3103TRPBF VBSEMI-IRLR3103TRPBF Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRLR3103TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com