Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXT680224 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXT680224
Description  Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT680224 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXT680224 Datasheet HTML 1Page - Panasonic Semiconductor AXT680224 Datasheet HTML 2Page - Panasonic Semiconductor AXT680224 Datasheet HTML 3Page - Panasonic Semiconductor AXT680224 Datasheet HTML 4Page - Panasonic Semiconductor AXT680224 Datasheet HTML 5Page - Panasonic Semiconductor AXT680224 Datasheet HTML 6Page - Panasonic Semiconductor AXT680224 Datasheet HTML 7Page - Panasonic Semiconductor AXT680224 Datasheet HTML 8Page - Panasonic Semiconductor AXT680224 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT5, 6
ACCTB29E 201303-T
EMBOSSED TAPE DIMENSIONS (Unit: mm) (Common to all sockets and headers)
• Dimension table (Unit: mm)
• Connector orientation with respect to embossed tape feeding direction
Type/Mated height
Number of pins
Type of taping
A
B
C
D
Quantity per reel
Common for
sockets and headers:
1.0mm, 1.2mm
24 or less
Tape I
16.00
7.50
17.40
3,000
26 to 70
Tape I
24.00
11.50
25.40
3,000
80
Tape II
32.00
28.40
14.20
33.40
3,000
• Specifications for taping
(In accordance with JIS C 0806:1990. However, not applied to
the mounting-hole pitch of some connectors.)
Tape I
Tape II
• Specifications for the plastic reel
(In accordance with EIAJET-7200B.)
1.75
C
8.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
8.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
D
±1
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
Label
Type
Direction
of tape progress
Common for F4S
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.


Similar Part No. - AXT680224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT680224 PANASONIC-AXT680224 Datasheet
483Kb / 13P
   Automation Controls Catalog
More results

Similar Description - AXT680224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
GX60-18P HIROSE-GX60-18P Datasheet
294Kb / 5P
   0.4 mm Pitch, Space-saving Interface Connectors
logo
Panasonic Semiconductor
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
logo
Hirose Electric
FH29 HIROSE-FH29 Datasheet
291Kb / 1P
   0.2mm Pitch 1.2 mm Height Space Saving FPC Connectors
logo
Panasonic Semiconductor
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Panasonic Semiconductor
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com