Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR12CM-12A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CR12CM-12A
Description  Thyristor Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR12CM-12A Datasheet(HTML) 4 Page - Renesas Technology Corp

  CR12CM-12A_13 Datasheet HTML 1Page - Renesas Technology Corp CR12CM-12A_13 Datasheet HTML 2Page - Renesas Technology Corp CR12CM-12A_13 Datasheet HTML 3Page - Renesas Technology Corp CR12CM-12A_13 Datasheet HTML 4Page - Renesas Technology Corp CR12CM-12A_13 Datasheet HTML 5Page - Renesas Technology Corp CR12CM-12A_13 Datasheet HTML 6Page - Renesas Technology Corp CR12CM-12A_13 Datasheet HTML 7Page - Renesas Technology Corp CR12CM-12A_13 Datasheet HTML 8Page - Renesas Technology Corp CR12CM-12A_13 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CR12CM-12A
Preliminary
R07DS1035EJ0400 Rev.4.00
Page 4 of 8
Jul 30, 2013
Maximum Average Power Dissipation
(Single-Phase Half Wave)
Average On-State Current (A)
Allowable Case Temperature vs.
Average On-State Current
(Single-Phase Half Wave)
Average On-State Current (A)
28
20
24
04
8
12
16
32
56
64
48
40
32
24
16
0
8
160
120
100
60
20
0
16
0
2
40
80
140
46
8
12
14
10
Resistive,
inductive loads
360
°
θ
Resistive,
inductive loads
360
°
θ
60°
90°
120°
180°
θ = 30°
60°
90°
120°
180°
θ = 30°
Maximum Average Power Dissipation
(Single-Phase Full Wave)
Average On-State Current (A)
Allowable Case Temperature vs.
Average On-State Current
(Single-Phase Full Wave)
Allowable Ambient Temperature vs.
Average On-State Current
(Single-Phase Full Wave)
Allowable Ambient Temperature vs.
Average On-State Current
(Single-Phase Half Wave)
Average On-State Current (A)
Average On-State Current (A)
Average On-State Current (A)
1.4
1.0 1.2
00.2 0.4 0.6
0.8
1.6
64
48
40
24
8
0
32
0
4
16
32
56
812
16
24
28
20
60°
90°
120°
θ = 30°
Resistive loads
360
°
θ
θ
60°
90°
120°
180°
θ = 30°
160
120
100
60
20
0
40
80
140
180°
θ = 30°
160
120
100
60
20
0
40
80
140
1.4
1.0 1.2
00.2 0.4 0.6 0.8
1.6
160
120
100
60
20
0
40
80
140
60°
90°
120°
θ = 30°
32
04
8
12
16
24
28
20
60°
90°
120°
Resistive,
inductive loads
Natural convection
360
°
θ
Resistive loads
360
°
θ
θ
Resistive loads
Natural convection
360
°
θ
θ
180°
180°


Similar Part No. - CR12CM-12A_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR12CM-12A RENESAS-CR12CM-12A_15 Datasheet
124Kb / 9P
   600V - 12A - Thyristor Medium Power Use
More results

Similar Description - CR12CM-12A_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6KM-12A RENESAS-CR6KM-12A Datasheet
107Kb / 7P
   Thyristor Medium Power Use
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR6PM-12B RENESAS-CR6PM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12CS-16B RENESAS-CR12CS-16B_15 Datasheet
119Kb / 9P
   Thyristor Medium Power Use
CR6PM-12G RENESAS-CR6PM-12G Datasheet
101Kb / 8P
   Thyristor Medium Power Use
CR6LM-12B RENESAS-CR6LM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B_15 Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B_15 Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8CM-12B RENESAS-CR8CM-12B_13 Datasheet
127Kb / 9P
   Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com