Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR8FM-12B Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CR8FM-12B
Description  600V-8A-Thyristor Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR8FM-12B Datasheet(HTML) 7 Page - Renesas Technology Corp

  CR8FM-12B Datasheet HTML 1Page - Renesas Technology Corp CR8FM-12B Datasheet HTML 2Page - Renesas Technology Corp CR8FM-12B Datasheet HTML 3Page - Renesas Technology Corp CR8FM-12B Datasheet HTML 4Page - Renesas Technology Corp CR8FM-12B Datasheet HTML 5Page - Renesas Technology Corp CR8FM-12B Datasheet HTML 6Page - Renesas Technology Corp CR8FM-12B Datasheet HTML 7Page - Renesas Technology Corp CR8FM-12B Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CR8FM-12B
Preliminary
R07DS1099EJ0100 Rev.1.00
Page 7 of 7
Aug 02, 2013
Package Dimensions
5.08
± 0.20
3.18 ± 0.10
0.80
± 0.20
1.28 ± 0.30
2.76 ± 0.20
0.50
2.54
± 0.20
Max 1.47
10.16
± 0.20
Unit: mm
1.9g
MASS[Typ.]
PRSS0003AG-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
TO-220FP
Ordering Information
Orderable Part Number
Packing
Quantity
Remark
CR8FM-12B#BB0
Tube
50 pcs.
Straight type
Note : Please confirm the specification about the shipping in detail.


Similar Part No. - CR8FM-12B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR8FM-12B RENESAS-CR8FM-12B_15 Datasheet
123Kb / 8P
   600V-8A-Thyristor Medium Power Use
More results

Similar Description - CR8FM-12B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR8CM-12B RENESAS-CR8CM-12B_15 Datasheet
127Kb / 9P
   600V - 8A - Thyristor Medium Power Use
CR8CM-12A RENESAS-CR8CM-12A_15 Datasheet
128Kb / 8P
   600V - 8A - Thyristor Medium Power Use
CR8CM-12A RENESAS-CR8CM-12A_13 Datasheet
128Kb / 8P
   600V - 8A - Thyristor Medium Power Use
CR8FM-12B RENESAS-CR8FM-12B_15 Datasheet
123Kb / 8P
   600V-8A-Thyristor Medium Power Use
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
   600V - 8A - Triac Medium Power Use
BCR8PM-12LE RENESAS-BCR8PM-12LE_15 Datasheet
194Kb / 8P
   600V ??8A - Triac Medium Power Use
BCR8CM-12LB RENESAS-BCR8CM-12LB_15 Datasheet
151Kb / 9P
   600V - 8A - Triac Medium Power Use
BCR8LM-12LA RENESAS-BCR8LM-12LA_15 Datasheet
138Kb / 7P
   600V - 8A - Triac Medium Power Use
BCR8FM-12LC RENESAS-BCR8FM-12LC Datasheet
514Kb / 9P
   600V - 8A - Triac Medium Power Use
Feb. 19, 2019
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com