Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXT650124 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AXT650124
Description  Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT650124 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AXT650124 Datasheet HTML 2Page - Panasonic Semiconductor AXT650124 Datasheet HTML 3Page - Panasonic Semiconductor AXT650124 Datasheet HTML 4Page - Panasonic Semiconductor AXT650124 Datasheet HTML 5Page - Panasonic Semiconductor AXT650124 Datasheet HTML 6Page - Panasonic Semiconductor AXT650124 Datasheet HTML 7Page - Panasonic Semiconductor AXT650124 Datasheet HTML 8Page - Panasonic Semiconductor AXT650124 Datasheet HTML 9Page - Panasonic Semiconductor AXT650124 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT5, 6
ACCTB29E 201303-T
TABLE OF PRODUCT TYPES
✩: Available for sale
Notes: 1. Please inquire about number of pins other than those shown above.
2. Please inquire with us regarding availability.
3. Please keep the minimum order quantities no less than 50 pieces per lot.
4. Please inquire if further information is needed.
5. Please note that this inspection connector cannot be connected to standard models with a stacking height of 1.2 mm (AXT5
∗∗224 and AXT6∗∗224).
Please contact our sales office for a type connectable to models with a stacking height of 1.2 mm.
PRODUCT TYPES
Notes: 1. When placing an order, substitute the “
∗” (asterisk) in the above part number with the number of pins for the specific connector.
2. The above part numbers are for connectors without positioning bosses, which are standard. When ordering connectors with positioning bosses, please contact our
local sales office.
For board-to-FPC
F4S Series
Connectors for
inspection usage
(0.4mm pitch)
Product name
Number of pins
F4S
for inspection
10
12
14
16
20
22
24
26
28
30
32
34
36
40
42
44
48
50
54
60
64
70
80
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
Specifications
Part No.
Specifications
Part No.
Socket
Without positioning bosses
AXT5E
∗∗26
Header
Without positioning bosses
AXT6E
∗∗26
FEATURES
1. 3,000 mating and unmating cycles
2. Same external dimensions and foot
pattern as standard type.
3. Improved mating
Insertion and removal easy due to a
reduction in mating retention force. This
is made possible by a simple locking
structure design.
Note: Mating retention force cannot be
warranted.
APPLICATIONS
Ideal for module unit inspection and
equipment assembly inspection
Socket
Header
RoHS compliant


Similar Part No. - AXT650124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT650124 PANASONIC-AXT650124 Datasheet
483Kb / 13P
   Automation Controls Catalog
More results

Similar Description - AXT650124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
GX60-18P HIROSE-GX60-18P Datasheet
294Kb / 5P
   0.4 mm Pitch, Space-saving Interface Connectors
logo
Panasonic Semiconductor
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
logo
Hirose Electric
FH29 HIROSE-FH29 Datasheet
291Kb / 1P
   0.2mm Pitch 1.2 mm Height Space Saving FPC Connectors
logo
Panasonic Semiconductor
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Panasonic Semiconductor
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com